Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF1517T1 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MRF1517T1
Description  The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1517T1 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MRF1517T1 Datasheet HTML 6Page - Motorola, Inc MRF1517T1 Datasheet HTML 7Page - Motorola, Inc MRF1517T1 Datasheet HTML 8Page - Motorola, Inc MRF1517T1 Datasheet HTML 9Page - Motorola, Inc MRF1517T1 Datasheet HTML 10Page - Motorola, Inc MRF1517T1 Datasheet HTML 11Page - Motorola, Inc MRF1517T1 Datasheet HTML 12Page - Motorola, Inc MRF1517T1 Datasheet HTML 13Page - Motorola, Inc MRF1517T1 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MRF1517T1
10
MOTOROLA RF DEVICE DATA
Table 1. Common Source Scattering Parameters (VDD = 7.5 Vdc)
IDQ = 150 mA
f
MH
S11
S21
S12
S22
MHz
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
50
0.84
–152
17.66
97
0.016
0
0.77
–167
100
0.84
–164
8.86
85
0.016
5
0.78
–172
200
0.86
–170
4.17
72
0.015
–5
0.79
–173
300
0.88
–171
2.54
62
0.014
–8
0.80
–172
400
0.90
–172
1.72
55
0.013
–25
0.83
–172
500
0.92
–172
1.28
50
0.013
–10
0.84
–172
600
0.94
–173
0.98
46
0.014
–22
0.86
–171
700
0.95
–173
0.76
41
0.010
–30
0.86
–172
800
0.96
–174
0.61
38
0.011
–14
0.86
–171
900
0.96
–175
0.50
33
0.011
–31
0.85
–172
1000
0.97
–175
0.40
31
0.006
55
0.88
–171
IDQ = 800 mA
f
MH
S11
S21
S12
S22
MHz
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
50
0.90
–165
20.42
94
0.018
1
0.76
–164
100
0.89
–172
10.20
87
0.015
–7
0.77
–170
200
0.90
–175
4.96
79
0.015
–12
0.77
–172
300
0.90
–176
3.17
73
0.017
–2
0.80
–171
400
0.91
–176
2.26
67
0.013
1
0.82
–172
500
0.92
–176
1.75
63
0.011
–6
0.83
–171
600
0.93
–176
1.39
59
0.012
–31
0.85
–171
700
0.94
–176
1.14
55
0.015
–34
0.88
–171
800
0.94
–176
0.93
51
0.008
–22
0.87
–171
900
0.95
–177
0.78
45
0.007
2
0.87
–172
1000
0.96
–177
0.65
43
0.008
–40
0.90
–170
IDQ = 1.5 A
f
MH
S11
S21
S12
S22
MHz
|S11|
∠φ
|S21|
∠φ
|S12|
∠φ
|S22|
∠φ
50
0.92
–165
19.90
95
0.017
3
0.76
–164
100
0.90
–172
9.93
88
0.018
2
0.77
–170
200
0.91
–176
4.84
80
0.016
–4
0.77
–172
300
0.91
–176
3.10
74
0.014
–11
0.80
–172
400
0.92
–176
2.22
68
0.014
–14
0.81
–172
500
0.93
–176
1.73
64
0.016
–8
0.83
–171
600
0.94
–176
1.39
61
0.013
–24
0.85
–171
700
0.94
–176
1.12
56
0.013
–24
0.87
–171
800
0.95
–176
0.93
52
0.009
–12
0.87
–171
900
0.96
–177
0.78
46
0.008
10
0.87
–173
1000
0.97
–177
0.64
44
0.012
4
0.89
–169


Similar Part No. - MRF1517T1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
More results

Similar Description - MRF1517T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S21130 MOTOROLA-MRF5S21130 Datasheet
404Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF18085A MOTOROLA-MRF18085A Datasheet
409Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S21100LR3 MOTOROLA-MRF5S21100LR3 Datasheet
564Kb / 12P
   The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BR3 MOTOROLA-MRF18030BR3 Datasheet
275Kb / 8P
   THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
logo
Freescale Semiconductor...
MRF6522-70R3 FREESCALE-MRF6522-70R3 Datasheet
510Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
logo
Motorola, Inc
MRF186 MOTOROLA-MRF186 Datasheet
446Kb / 8P
   The RF MOSFET Line RF POWER FIELD-EFFECT TRANSISTOR Channel Enhancement-Mode Lateral MOSFET
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
   The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com