Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF1517T1 Datasheet(PDF) 6 Page - Motorola, Inc

Part No. MRF1517T1
Description  The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1517T1 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MRF1517T1 Datasheet HTML 2Page - Motorola, Inc MRF1517T1 Datasheet HTML 3Page - Motorola, Inc MRF1517T1 Datasheet HTML 4Page - Motorola, Inc MRF1517T1 Datasheet HTML 5Page - Motorola, Inc MRF1517T1 Datasheet HTML 6Page - Motorola, Inc MRF1517T1 Datasheet HTML 7Page - Motorola, Inc MRF1517T1 Datasheet HTML 8Page - Motorola, Inc MRF1517T1 Datasheet HTML 9Page - Motorola, Inc MRF1517T1 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MRF1517T1
6
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS, 400 – 440 MHz
2
Pout, OUTPUT POWER (WATTS)
50
20
70
14
30
60
40
35
Figure 13. Gain versus Output Power
Pout, OUTPUT POWER (WATTS)
7
5
13
Figure 14. Drain Efficiency versus Output Power
2
1
Figure 15. Output Power versus Biasing Current
12
IDQ, BIASING CURRENT (mA)
0
Figure 16. Drain Efficiency versus Biasing Current
80
IDQ, BIASING CURRENT (mA)
Figure 17. Output Power versus Supply Voltage
5
VDD, SUPPLY VOLTAGE (VOLTS)
0
Figure 18. Drain Efficiency versus Supply Voltage
VDD, SUPPLY VOLTAGE (VOLTS)
9
8
5
0
40
60
60
30
400
0
6
12
600
1000
80
4
9
17
200
50
11
200
1000
400
600
69
10
7
67
8
10
35
2
4
8
50
70
30
46
79
810
15
68
79
10
11
0
10
800
6
10
8
800
70
10
400 MHz
440 MHz
420 MHz
400 MHz
440 MHz
420 MHz
400 MHz
440 MHz
420 MHz
400 MHz
440 MHz
420 MHz
400 MHz
440 MHz
420 MHz
400 MHz
440 MHz
420 MHz
2
40
Pin = 25.5 dBm
VDD = 7.5 Vdc
VDD = 7.5 Vdc
VDD = 7.5 Vdc
Pin = 25.5 dBm
IDQ = 150 mA
Pin = 25.5 dBm
VDD = 7.5 Vdc
Pin = 25.5 dBm
IDQ = 150 mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21130 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF19030LR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF6522-70R3 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF5S21100LR3 The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn