Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF1517T1 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MRF1517T1
Description  The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1517T1 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF1517T1 Datasheet HTML 1Page - Motorola, Inc MRF1517T1 Datasheet HTML 2Page - Motorola, Inc MRF1517T1 Datasheet HTML 3Page - Motorola, Inc MRF1517T1 Datasheet HTML 4Page - Motorola, Inc MRF1517T1 Datasheet HTML 5Page - Motorola, Inc MRF1517T1 Datasheet HTML 6Page - Motorola, Inc MRF1517T1 Datasheet HTML 7Page - Motorola, Inc MRF1517T1 Datasheet HTML 8Page - Motorola, Inc MRF1517T1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
MRF1517T1
MOTOROLA RF DEVICE DATA
Figure 1. 480 – 520 MHz Broadband Test Circuit
VDD
C7
R3
C8
C6
R2
RF
INPUT
RF
OUTPUT
Z2
Z3
Z6
C1
C3
C14
DUT
Z7
Z9
Z10
Z4
Z5
L1
Z8
N2
C18
B2
N1
+
C13
C4
C12
B1, B2
Short Ferrite Bead, Fair Rite Products
(2743021446)
C1
300 pF, 100 mil Chip Capacitor
C2, C3, C4, C10,
C12, C13
0 to 20 pF, Trimmer Capacitor
C5, C11
43 pF, 100 mil Chip Capacitor
C6, C18
120 pF, 100 mil Chip Capacitor
C7, C15
10
µF, 50 V Electrolytic Capacitor
C8, C16
0.1
µF, 100 mil Chip Capacitor
C9, C17
1,000 pF, 100 mil Chip Capacitor
C14
330 pF, 100 mil Chip Capacitor
L1
55.5 nH, 5 Turn, Coilcraft
N1, N2
Type N Flange Mount
R1
15
Ω, 0805 Chip Resistor
R2
1.0 k
Ω, 1/8 W Resistor
R3
33 k
Ω, 1/2 W Resistor
Z1
0.315
″ x 0.080″ Microstrip
Z2
1.415
″ x 0.080″ Microstrip
Z3
0.322
″ x 0.080″ Microstrip
Z4
0.022
″ x 0.080″ Microstrip
Z5, Z6
0.260
″ x 0.223″ Microstrip
Z7
0.050
″ x 0.080″ Microstrip
Z8
0.625
″ x 0.080″ Microstrip
Z9
0.800
″ x 0.080″ Microstrip
Z10
0.589
″ x 0.080″ Microstrip
Board
Glass Teflon, 31 mils, 2 oz. Copper
Z1
C2
VGG
C15
+
C9
B1
R1
C16
C17
C5
C11
C10
TYPICAL CHARACTERISTICS, 480 – 520 MHz
Pout, OUTPUT POWER (WATTS)
-5
-15
-25
-10
2
0
10
1
Figure 2. Output Power versus Input Power
Pin, INPUT POWER (WATTS)
2
Figure 3. Input Return Loss versus
Output Power
0
6
0.8
0.2
4
0.6
1.0
0.4
0
3
10
8
520 MHz
500 MHz
480 MHz
5
46
8
79
-20
520 MHz
500 MHz
480 MHz
VDD = 7.5 Vdc
VDD = 7.5 Vdc


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21130 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF19030LR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF6522-70R3 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF5S21100LR3 The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn