Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGR35N120B Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGR35N120B
Description  HiPerFAST IGBT ISOPLUS247
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGR35N120B Datasheet(HTML) 2 Page - IXYS Corporation

  IXGR35N120B Datasheet HTML 1Page - IXYS Corporation IXGR35N120B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGR 35N120B
IXGR 35N120C
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90, VCE = 10 V,
30
40
S
Note1
C
ies
4620
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
260
pF
C
res
90
pF
Q
g
170
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
28
nC
Q
gc
57
nC
t
d(on)
50
ns
t
ri
27
ns
t
d(off)
35N120B
180
280
ns
35N120C
150
220
ns
t
fi
35N120B
160
320
ns
35N120C
115
190
ns
E
off
35N120B
3.8
7.3
mJ
35N120C
3.0
4.2
mJ
t
d(on)
55
ns
t
ri
31
ns
E
on
2.6
mJ
t
d(off)
35N120B
300
ns
35N120C
220
ns
t
fi
35N120B
360
ns
35N120C
260
ns
E
off
35N120B
8.0
mJ
35N120C
6.2
mJ
R
thJC
0.5 K/W
R
thCK
0.15
K/W
Inductive load, T
J = 25°
°°°°C
I
C =
I
C90, VGE = 15 V
V
CE = 0.8
V
CES, RG = Roff = 4.7 Ω
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8
V
CES,
higher T
J or increased RG
Inductive load, T
J = 125°
°°°°C
I
C =
I
C90, VGE = 15 V
V
CE = 0.8
V
CES, RG = Roff = 4.7 Ω
Remarks: Switching times may
increase for V
CE
(Clamp) > 0.8 V
CES,
higher T
J or increased RG
ISOPLUS 247 OUTLINE
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190 .205
A
1
2.29
2.54
.090 .100
A
2
1.91
2.16
.075 .085
b
1.14
1.40
.045 .055
b
1
1.91
2.13
.075 .084
b
2
2.92
3.12
.115 .123
C
0.61
0.80
.024 .031
D
20.80
21.34
.819 .840
E
15.75
16.13
.620 .635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780 .800
L1
3.81
4.32
.150 .170
Q
5.59
6.20
.220 .244
R
4.32
4.83
.170 .190
1 Gate, 2 Drain (Collector)
3 Source (Emitter)
4 no connection
Note: 1. Pulse test, t
p ≤ 300 ms, duty cycle:d ≤ 2 %


Similar Part No. - IXGR35N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR35N120BD1 IXYS-IXGR35N120BD1 Datasheet
525Kb / 2P
   High Voltage IGBT with Diode
More results

Similar Description - IXGR35N120B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR50N60B IXYS-IXGR50N60B Datasheet
566Kb / 5P
   HiPerFAST IGBT ISOPLUS247
IXGR12N60C IXYS-IXGR12N60C Datasheet
59Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGR40N60C IXYS-IXGR40N60C Datasheet
262Kb / 2P
   HiPerFAST IGBT ISOPLUS247
IXGR32N60CD1 IXYS-IXGR32N60CD1 Datasheet
572Kb / 5P
   HiPerFAST IGBT with Diode ISOPLUS247
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
   HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
   HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com