Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL91214ABD Datasheet(PDF) 2 Page - Integral Corp.

Part # IL91214ABD
Description  Tone/Pulse Dialer with Flash Function
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL91214ABD Datasheet(HTML) 2 Page - Integral Corp.

  IL91214ABD Datasheet HTML 1Page - Integral Corp. IL91214ABD Datasheet HTML 2Page - Integral Corp. IL91214ABD Datasheet HTML 3Page - Integral Corp. IL91214ABD Datasheet HTML 4Page - Integral Corp. IL91214ABD Datasheet HTML 5Page - Integral Corp. IL91214ABD Datasheet HTML 6Page - Integral Corp. IL91214ABD Datasheet HTML 7Page - Integral Corp. IL91214ABD Datasheet HTML 8Page - Integral Corp. IL91214ABD Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IL91214 A, IL91214B
PIN DESCRIPITION
Pin #
A
B
Designation
Description
1
1
HK
Hook switch input
2
2
MODE IN
MODE IN = VDD: pulse mode, 10 Hz,
М/В = 1/2,
MODE IN = VSS: tone mode,
MODE IN = floating mode,
20 Hz, М/В = 1/2
3
3
OSCI
Oscillator input
4
4
OSCO
Oscillator output
5
5
VSS
Ground
6
6
VDD
Supply output
7
7
TONE
Tone dialing output
8
8
XMIT
MUTE
Dialing transmission mute output
9
MODE OUT Mode output pin
10
KT
Key-in tone output
9
11
DP
Dialing pulse output
10
12
C1
Keyboard column input
11
13
C2
Keyboard column input
12
14
C3
Keyboard column input
13
15
R1
Keyboard row input
14
16
R2
Keyboard row input
15
17
R3
Keyboard row input
16
18
R4
Keyboard row input
Keyboard Assignment
R4
HK
MO D E IN
OS C I
OS C O
XM IT M U T E
R3
R2
R1
C3
C2
C1
DP
01
02
03
04
05
06
11
12
13
07
08
Vs s
Vd d
TO N E
09
10
14
15
16
R4
HK
MODE IN
OSCI
OSCO
XMIT MUTE
R3
R2
R1
C3
C2
C1
DP
01
02
03
04
05
06
12
13
14
07
08
Vss
Vdd
TONE
09
10
11
15
16
17
18
MODE OUT
KT
1. */T – At Pulse mode this key works as Pulse -> DTMF key (T key), at DTMF mode the key works as *key. */T key
R4
R3
R2
RD
#
0
*/T
P
9
8
7
F2
6
5
4
F1
3
2
1
C1
C2
C3
C4
R1
will occupy one memory digit in either use.
2. F1 – Flash key. The break time is 297ms
3. F2 – Flash key for break time 640ms
4. P – Pause key (2.2 seconds)
5. RD – One key redial key
6. # - At pulse mode this key input is neglected, at DTMF mode this key works as # key.


Similar Part No. - IL91214ABD

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL91214A IKSEMICON-IL91214A Datasheet
550Kb / 14P
   store and redial last number
More results

Similar Description - IL91214ABD

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK91214A KODENSHI-KK91214A Datasheet
1Mb / 11P
   Tone/Pulse Dialer with Flash Function
logo
Silan Microelectronics ...
SC9102D SILAN-SC9102D Datasheet
179Kb / 16P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Unisonic Technologies
U9131X UTC-U9131X Datasheet
235Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
Silan Microelectronics ...
SC91316 SILAN-SC91316 Datasheet
118Kb / 14P
   TONE / PULSE DIALER WITH REDIAL FUNCTION
logo
Winbond
W91210 WINBOND-W91210 Datasheet
202Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91410 WINBOND-W91410 Datasheet
210Kb / 12P
   TONE/PULSE DIALER WITH SAVE FUNCTION
W91310 WINBOND-W91310 Datasheet
211Kb / 12P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
W91312N WINBOND-W91312N Datasheet
109Kb / 11P
   TONE/PULSE DIALER WITH REDIAL FUNCTION
logo
List of Unclassifed Man...
SC91710A ETC-SC91710A Datasheet
297Kb / 18P
   TONE / PULSE SWITCHABLE DIALER WITH HANDFREE FUNCTION
logo
Winbond
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com