Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL6840N Datasheet(PDF) 2 Page - Integral Corp.

Part # IL6840N
Description  Telephone Tone Ringer with Bridge Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL6840N Datasheet(HTML) 2 Page - Integral Corp.

  IL6840N Datasheet HTML 1Page - Integral Corp. IL6840N Datasheet HTML 2Page - Integral Corp. IL6840N Datasheet HTML 3Page - Integral Corp. IL6840N Datasheet HTML 4Page - Integral Corp. IL6840N Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IL6840
MAXIMUM RATINGS
* (T
A = 25°C)
Symbol
Parameter
Value
Unit
VTP
Calling Voltage (f = 50 Hz) Continuous
120
Vrms
VTP
Calling Voltage (f = 50 Hz) 5 Sec ON/10 Sec OFF
200
Vrms
ICC
Supply Current
22
mA
Tstg
Storage and Junction Temperature
-60 to +125
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
26
V
TA
Operating Temperature
-40
+70
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this
high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND≤(VIN or
VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused
outputs must be left open.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Guaranteed Limits
Symbol
Parameter
Test Conditions
Min
Max
Unit
ICC
Current Consumption without
Load
VS=8.8 to 26 V
1.8
mA
VON
Activiation Voltage
12.2
13
V
VONR
Activiation Voltage Range
RA = 1 KΩ
8
10
V
VSUS
Sustaining Voltage
8
8.8
V
RD
Differential Resistance in Off
Condition
VTIP = 8.0 V
VRING = 0 V
6.4
3500
K
VOUT
Output Voltage Swing
VS = 26 V,
VSRC = 8.0 V,
VOFR = 8.0 V
21
25.5
V
IOUT
Short Circuit Current
VS = 26 V
30
80
mA
2


Similar Part No. - IL6840N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL6840A IKSEMICON-IL6840A Datasheet
211Kb / 5P
   Low external component count
More results

Similar Description - IL6840N

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_08 Datasheet
279Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Wing Shing Computer Com...
WS2418 WINGS-WS2418 Datasheet
102Kb / 3P
   TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
System Logic Semiconduc...
SL2418 SLS-SL2418 Datasheet
33Kb / 3P
   Telephone Tone Ringer with Bridge Diode
logo
List of Unclassifed Man...
IL2418 ETC-IL2418 Datasheet
48Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418 Datasheet
117Kb / 4P
   Telephone tone ringer with bridge diode
logo
Wing Shing Computer Com...
KA2418 WINGS-KA2418 Datasheet
103Kb / 3P
   TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
List of Unclassifed Man...
IN2418 ETC-IN2418 Datasheet
152Kb / 3P
   Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_07 Datasheet
268Kb / 6P
   Telephone Tone Ringer with Bridge Diode
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com