Electronic Components Datasheet Search |
|
FX5545G0064V5T2 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
FX5545G0064V5T2 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page Document Number: 10122 For technical questions, contact FunctionPAK@vishay.com For marketing questions, contact FunctionPAK.marketing@vishay.com www.vishay.com Revision: 18-Jan-05 15 FX5545G006 Vishay Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density FEATURES • Fully integrated DC/DC converter • High efficiency over large load range • 100% duty cycle • Power density - more than 330W/inch3 • 1µA shutdown current • 2.5V to 6V input range (1Li+ and 3-cell NiCd or NiMH cells) • 3.3V to 6V output voltage • Programmable PWM/PSM controls • Low output ripple • BGA construction • Temperature range: - 40°C to + 85°C • No external components needed • Output power 9W • Maximum current 1.5A • Low profile The DC/DC converter is a programmable topology synchronized Boost converter for today’s continuous changing portable electronic market. The DC/DC converter provides flexibility of utilizing various battery configurations and chemistries such as NiCd, NiMH, or Li+ with an input voltage range of 2.5V to 6V. An additional flexibility is provided with topology programmibility to power multiple loads such as power amplifiers, microcontrollers, or baseband logic IC’s. For ultra-high efficiency, converters are designed to operate in synchronous rectified PWM mode under full load while transforming into externally controlled pulse-skipping mode (PSM) under light load. The DC/DC converter is available in 20-ports BGA package. In order to satisfy the stringent ambient temperature requirements, the DC/DC converter is designed to handle the industrial temperature range of - 40°C to + 85°C. APPLICATION • Point of Load (POL) applications such as drivers for FPGA’s, microprocessors, DSP’s amplifiers, etc. • Cordless phones, PDAs and others • Supply voltage source for low-voltage chip sets • Portable computers • Battery back-up supplies • Cameras ORDERING INFORMATION FX 5545 G006 FUNCTION SIZE CIRCUIT IDENTIFIER OUTPUT VOLTAGE - Example: 2.7V should be written as 2V7 as the V indicates the decimal point, or ADJ for adjustable version - self selectable output voltage. PACKAGING - B1 = 10pcs in bulk; B5 = 50pcs in bulk; T1 = 13” reel; T2 = 7” reel. For lead (Pb)-free solder please add E2 suffix. |
Similar Part No. - FX5545G0064V5T2 |
|
Similar Description - FX5545G0064V5T2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |