Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMR186NMM Datasheet(PDF) 5 Page - International Rectifier

Part # OMR186NMM
Description  30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR186NMM Datasheet(HTML) 5 Page - International Rectifier

  OMR186NMM Datasheet HTML 1Page - International Rectifier OMR186NMM Datasheet HTML 2Page - International Rectifier OMR186NMM Datasheet HTML 3Page - International Rectifier OMR186NMM Datasheet HTML 4Page - International Rectifier OMR186NMM Datasheet HTML 5Page - International Rectifier OMR186NMM Datasheet HTML 6Page - International Rectifier OMR186NMM Datasheet HTML 7Page - International Rectifier OMR186NMM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OMR183- OMR186 Series
Stability
The OMR183-186 Series requires the use of
an output capacitor as part of the device
frequency compensation.
For all operating
conditions, the addition of 150µF aluminum
electrolytic or a 22µF solid tantalum on the
output
will
ensure
stability.
Normally,
capacitors much smaller than this can be used.
Many different types of capacitors with widely
varying characteristics are available.
These
capacitors
differ
in
capacitor
tolerance
(sometimes ranging up to ±100%), equivalent
series
resistance,
and
capacitance
temperature coefficient.
The 150µF or 22µF values given will ensure
stability.
When the adjustment terminal is bypassed to
improve the ripple rejection, the requirement
for an output capacitor increases. The values
of 22µF tantalum or 150µF aluminum cover all
cases of bypassing the adjustment terminal.
Without bypassing the adjustment terminal,
smaller capacitors can be used with equally
good results and the table below shows
approximately what size capacitors are needed
to ensure stability.
Recommended Capacitor Values
Normally, capacitor values on the order of
100µF are used in the output of many
regulators to ensure good transient response
with heavy load current changes.
Output
capacitance can be increased without limit and
larger values of output capacitor further
improve stability and transient response of the
OM183SC regulators.
Output Voltage — Adjustable Regulators
The OMR183-OM186 devices develop a
1.25V reference voltage between the output
and the adjust terminal (see below).
By
placing a resistor, R1, between these two
terminals, a constant current is caused to flow
through R1 and down through R2 to set the
overall output voltage. Normally this current is
the specified minimum load current of 10mA.
Because IADJ is very small and constant when
compared with the current through R1, it
represents a small error and can usually be
ignored.
Basic Adjustable Regulator
APPLICATION NOTES
Input
Output
Adjustment
10µF
10µF Tantalum, 50µF Aluminum
None
10µF
22µF Tantalum, 150µF Aluminum
20µF
RADIATION TEST PROGRAM
The following chart is a summary of the test data collected on Radiation Tolerant OMR183-186
series at various doses. The chart depicts the Total Radiation Dose that each device was
exposed to on a step stress irradiation basis prior to failure. Failure is defined as any electrical
test that does not meet the limits of the device per the published data sheet specifications after
radiation testing.
Omnirel P/N
5K
10K
20K 30K
50K
60K
70K
80K
100K
150K
200K RAD
OMR183
Test Points
XX
X
OMR184
Test Points
XX
X
OMR185
Test Points
XXX
X
X
X
X
OMR186
Test Points
XXX
X
X
X


Similar Part No. - OMR186NMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNH ETC-OMR117AHVNH Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNM ETC-OMR117AHVNM Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVSR ETC-OMR117AHVSR Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - OMR186NMM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com