Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMR186NTM Datasheet(PDF) 4 Page - International Rectifier

Part # OMR186NTM
Description  30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OMR186NTM Datasheet(HTML) 4 Page - International Rectifier

  OMR186NTM Datasheet HTML 1Page - International Rectifier OMR186NTM Datasheet HTML 2Page - International Rectifier OMR186NTM Datasheet HTML 3Page - International Rectifier OMR186NTM Datasheet HTML 4Page - International Rectifier OMR186NTM Datasheet HTML 5Page - International Rectifier OMR186NTM Datasheet HTML 6Page - International Rectifier OMR186NTM Datasheet HTML 7Page - International Rectifier OMR186NTM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OMR183- OMR186 Series
TYPICAL PERFORMANCE CHARACTERISTICS
2
1
0
0123456789 10
Output Current (A)
OMR183 Dropout Voltage
T
J = 25°C
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50 -25
0
25 50 75 100 125 150
Temperature (°C)
OMR183 Load Regulation
I = 7.5A
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50 -25
0
25 50 75 100 125 150
Temperature (°C)
OMR184 Load Regulation
I = 5A
2
1
0
01
2
Output Current (A)
OMR186 Dropout Voltage
T
J = 25°C
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50 -25
0
25 50 75 100 125 150
Temperature (°C)
OMR185 Load Regulation
I = 3A
2
1
0
0
123456
Output Current (A)
OMR184 Dropout Voltage
T
J = 25°C
2
1
0
01
234
Output Current (A)
OMR185 Dropout Voltage
T
J = 25°C
12
10
8
6
4
2
0
5
0
101520253035
Input/Output Differential (V)
OMR183 Short Circuit Current
T
J = 150°C
T
J = -55°C
I
FULL LOAD
T
J = 25°C
10
9
8
6
6
5
4
3
2
1
0
5
0
10
15
20
25
30
35
Input/Output Differential (V)
OMR184 Short Circuit Current
T
J = 25°C
T
J = -55°C
I
FULL LOAD
T
J = 150°C
6
5
4
3
2
1
0
5
0
10
15
20
25
30
35
Input/Output Differential (V)
OMR185 Short Circuit Current
T
J = 25°C
T
J = -55°C
I
FULL LOAD
T
J = 150°C
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-50 -25
0
25 50 75 100 125 150
Temperature (°C)
OMR186 Load Regulation
I = 3A
3.0
2.5
2.0
1.5
1
.5
0
5
0
10
15
20
25
30
35
Input/Output Differential (V)
OMR186 Short Circuit Current
T
J = 25°C
T
J = -55°C
I
FULL LOAD
T
J = 150°C


Similar Part No. - OMR186NTM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNH ETC-OMR117AHVNH Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVNM ETC-OMR117AHVNM Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR117AHVSR ETC-OMR117AHVSR Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - OMR186NTM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com