Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5456 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5456
Description  Stereo Audio Taper Potentiometers with Pushbutton Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5456 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5456 Datasheet HTML 1Page - Maxim Integrated Products MAX5456 Datasheet HTML 2Page - Maxim Integrated Products MAX5456 Datasheet HTML 3Page - Maxim Integrated Products MAX5456 Datasheet HTML 4Page - Maxim Integrated Products MAX5456 Datasheet HTML 5Page - Maxim Integrated Products MAX5456 Datasheet HTML 6Page - Maxim Integrated Products MAX5456 Datasheet HTML 7Page - Maxim Integrated Products MAX5456 Datasheet HTML 8Page - Maxim Integrated Products MAX5456 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Stereo Audio Taper Potentiometers
with Pushbutton Interface
_______________________________________________________________________________________
5
FREQUENCY RESPONSE
FREQUENCY (kHz)
100
10
1
0.1
-6
-4
-2
0
2
-8
0.01
1000
VH_ = 2.5V
±1VP-P, VL_ = 2.5V,
CL_ = 10pF
W_ SET TO 0dB
W_ SET TO -6dB
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. FREQUENCY
FREQUENCY (Hz)
10,000
1000
100
0.001
0.01
0.1
1
10
100
0.0001
10
100,000
VH_ = 2.5V
±1VP-P, VL_ = 2.5V,
W_ SET TO -6dB,
20Hz TO 20kHz BANDPASS
LOAD = 10k
NO LOAD
DIGITAL SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
4
3
2
1
100
200
300
400
500
600
700
800
900
1000
0
05
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
100
10
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
11000
VDD = 5V
±1VP-P, VH_ = 5V,
VL_ = 2.5V, W_ SET TO -6dB
LOGIC SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
141
142
143
144
145
146
147
148
149
150
140
-40
85
VLOGIC = 5.5V
ACTIVE LOGIC SUPPLY
CURRENT
Typical Operating Characteristics (continued)
(VDD = VLOGIC = +2.7V to +5.5V, VSS = 0V, GND = 0V, VH_ = VDD, VL_ = VSS, TA = TMIN to TMAX. Typical values are at TA = +25°C,
unless otherwise specified.)
0.05
0.10
0.15
0.20
0.25
0.30
0
LOGIC SUPPLY CURRENT
vs. LOGIC SUPPLY VOLTAGE
LOGIC SUPPLY VOLTAGE (V)
5.2 5.5
4.2
4.7
3.7
3.2
2.7
STANDBY LOGIC SUPPLY
CURRENT
WIPER-TO-END TERMINAL RESISTANCE
vs. TAP POSITION
TAP POSITION
24
16
8
25
50
75
100
0
032
RWH
RWL
SPECTRAL NOISE DENSITY
FREQUENCY (kHz)
10
1
0.1
1
2
3
4
5
6
7
8
9
10
0
0.01
100


Similar Part No. - MAX5456

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX545 MAXIM-MAX545 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5450-MAX5455 MAXIM-MAX5450-MAX5455 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5450EUB MAXIM-MAX5450EUB Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5451 MAXIM-MAX5451 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
More results

Similar Description - MAX5456

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
051401
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
   Audio Processor with Pushbutton Interface
Rev 0; 5/06
MAX5486 MAXIM-MAX5486 Datasheet
221Kb / 16P
   Stereo Volume Control with Pushbutton Interface
Rev 0; 11/06
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
   Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
MAX5486 MAXIM-MAX5486_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
   Stereo audio codec with SPDIF interface
2003 Apr 10
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com