Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5456 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5456
Description  Stereo Audio Taper Potentiometers with Pushbutton Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5456 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5456 Datasheet HTML 1Page - Maxim Integrated Products MAX5456 Datasheet HTML 2Page - Maxim Integrated Products MAX5456 Datasheet HTML 3Page - Maxim Integrated Products MAX5456 Datasheet HTML 4Page - Maxim Integrated Products MAX5456 Datasheet HTML 5Page - Maxim Integrated Products MAX5456 Datasheet HTML 6Page - Maxim Integrated Products MAX5456 Datasheet HTML 7Page - Maxim Integrated Products MAX5456 Datasheet HTML 8Page - Maxim Integrated Products MAX5456 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Stereo Audio Taper Potentiometers
with Pushbutton Interface
_______________________________________________________________________________________
3
Note 1: Parameters are 100% production tested at +85°C and limits through temperature are guaranteed by design.
Note 2: Supply current measured with the supply on and a button pushed.
Note 3: Supply current measured with the power on, no button pushed, and the wiper position fixed.
Note 4: This is the measured current with SHDN low and MODE_IND unconnected.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VLOGIC = +2.7V to +5.5V, VSS = 0V, GND = 0V, VH_ = VDD, VL_ = VSS, TA = TMIN to TMAX. Typical values are at TA = +25°C,
unless otherwise specified.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
First Autoincrement Point
1
s
First Autoincrement Rate
4Hz
Second Autoincrement Point
4s
Second Autoincrement Rate
16
Hz
DIGITAL INPUTS (VLOGIC > 4.5V)
Input High Voltage
VIH
2.4
V
Input Low Voltage
VIL
0.8
V
Input Leakage Current
Inputs floating
±1
µA
Input Capacitance
5pF
DIGITAL INPUTS (VLOGIC < 4.5V)
Input High Voltage
VIH
0.7 x
VLOGIC
V
Input Low Voltage
VIL
0.3 x
VLOGIC
V
Input Leakage Current
Inputs floating
±1
µA
Input Capacitance
5pF
POWER SUPPLIES
Supply Voltage
VDD
2.7
5.5
V
Negative Power Supply
VSS
-2.7
0V
Supply-Voltage Difference
VDD - VSS
5.5
V
Active Supply Current
IDD
(Note 2)
100
µA
VDD = +5.5V, VSS = 0V, VLOGIC = 2.7V (Note 3)
210
Standby Supply Current
ISTBY
VLOGIC = VDD = +2.7V, VSS = -2.7V (Note 3)
0.5
1
µA
Shutdown Supply Current
ISHDN
(Note 4)
1
µA
Power-Up Time
tPU
10
ms
Logic Standby Voltage
VLOGIC
2.7
VDD
V
Logic Active Supply Current
ILOGIC
(Note 2)
160
µA
Logic Standby Supply Current
ILOGICSTBY
(Note 3)
0.5
1
µA
Logic Shutdown Current
ILOGICSHDN (Note 4)
1
µA
DIGITAL OUTPUT, MODE_IND
VLOGIC = 2.7V, ISINK = 10mA
0.4
Output Low Voltage
VOL
VLOGIC = 5.5V, ISINK = 10mA
0.2
V
Output Leakage Current
0.1
10
µA
Output Capacitance
3pF
Maximum Sink Current
150
mA


Similar Part No. - MAX5456

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX545 MAXIM-MAX545 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5450 MAXIM-MAX5450 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5450-MAX5455 MAXIM-MAX5450-MAX5455 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5450EUB MAXIM-MAX5450EUB Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
MAX5451 MAXIM-MAX5451 Datasheet
607Kb / 12P
   Dual, 256-Tap, Up/Down Interface, Digital Potentiometers
19-1997; Rev 0; 4/01
More results

Similar Description - MAX5456

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1802 DALLAS-DS1802 Datasheet
291Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
logo
Maxim Integrated Produc...
DS1802 MAXIM-DS1802 Datasheet
819Kb / 17P
   Dual Audio Taper Potentiometer With Pushbutton Control
051401
MAX5408 MAXIM-MAX5408 Datasheet
312Kb / 13P
   Dual, Audio, Log Taper Digital Potentiometers
Rev 2; 9/02
MAX5406 MAXIM-MAX5406 Datasheet
501Kb / 26P
   Audio Processor with Pushbutton Interface
Rev 0; 5/06
MAX5486 MAXIM-MAX5486 Datasheet
221Kb / 16P
   Stereo Volume Control with Pushbutton Interface
Rev 0; 11/06
MAX5406 MAXIM-MAX5406_V01 Datasheet
2Mb / 25P
   Audio Processor with Pushbutton Interface
19-3817; Rev 1; 4/14
MAX5486 MAXIM-MAX5486_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
   Stereo audio codec with SPDIF interface
2003 Apr 10
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com