Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6968DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI6968DQ
Description  N-Channel 2.5-V (G-S) Battery Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6968DQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6968DQ Datasheet HTML 1Page - Vishay Siliconix SI6968DQ Datasheet HTML 2Page - Vishay Siliconix SI6968DQ Datasheet HTML 3Page - Vishay Siliconix SI6968DQ Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vishay Siliconix
Si6968DQ
Vishay Siliconix, 2201 Laurelwood Road, Santa Clara, CA 95054
S Phone (408)988-8000 S FaxBack (408)970-5600 S www.siliconix.com
S-56943—Rev. E, 02-Nov-98
Siliconix was formerly a division of TEMIC Semiconductors
5-2
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
STATIC
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.6
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V, TJ = 70_C
5
mA
On-State Drain CurrentA
ID(on)
VDS w 5 V, VGS = 4.5 V
30
A
Drain Source On State ResistanceA
r
VGS = 4.5 V, ID = 6.5 A
0.017
0.022
W
Drain-Source On-State ResistanceA
rDS(on)
VGS = 2.5 V, ID = 5.5 A
0.022
0.030
W
Forward TransconductanceA
gfs
VDS = 10 V, ID = 6.5 A
30
S
Diode Forward VoltageA
VSD
IS = 1.5 A, VGS = 0 V
0.66
1.2
V
DYNAMICB
Total Gate Charge
Qg
16
30
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 10 V, ID = 6.5 A
3.4
nC
Gate-Drain Charge
Qgd
4.0
Turn-On Delay Time
td(on)
20
40
Rise Time
tr
VDD = 10 V, RL = 10 W
48
80
Turn-Off Delay Time
td(off)
DD
L
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
90
180
ns
Fall Time
tf
55
110
Source-Drain Reverse Recovery Time
trr
IF = 1.5 A, di/dt = 100 A/ms
40
70
Notes
A.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
B.
Guaranteed by design, not subject to production testing.


Similar Part No. - SI6968DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
logo
VBsemi Electronics Co.,...
SI6968ADQ-T1-GE3 VBSEMI-SI6968ADQ-T1-GE3 Datasheet
937Kb / 8P
   Dual N-Channel MOSFET
logo
Vishay Telefunken
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6968BEDQ VISHAY-SI6968BEDQ Datasheet
53Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. A, 30-Jun-03
SI6968BEDQ VISHAY-SI6968BEDQ Datasheet
224Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET Common Drain, ESD Protection
Rev. C, 02-Jun-08
More results

Similar Description - SI6968DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6954ADQ VISHAY-SI6954ADQ_V01 Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
SI6954ADQ VISHAY-SI6954ADQ Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 24-Jan-00
logo
Vishay Telefunken
SI6954ADQ TFUNK-SI6954ADQ Datasheet
219Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
logo
Vishay Siliconix
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
SI6954ADQ VISHAY-SI6954ADQ_08 Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6965DQ VISHAY-SI6965DQ Datasheet
53Kb / 4P
   P-Channel 2.5-V (G-S) Battery Switch
Rev. B, 02-Nov-98
SI6924EDQ VISHAY-SI6924EDQ Datasheet
49Kb / 5P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. C, 30-Nov-98
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com