Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24VP04SI-2.7TE7 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S24VP04SI-2.7TE7
Description  4K Serial E2PROM with a Precision Low-VCC Lockout Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S24VP04SI-2.7TE7 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S24VP04SI-2.7TE7 Datasheet HTML 1Page - List of Unclassifed Manufacturers S24VP04SI-2.7TE7 Datasheet HTML 2Page - List of Unclassifed Manufacturers S24VP04SI-2.7TE7 Datasheet HTML 3Page - List of Unclassifed Manufacturers S24VP04SI-2.7TE7 Datasheet HTML 4Page - List of Unclassifed Manufacturers S24VP04SI-2.7TE7 Datasheet HTML 5Page - List of Unclassifed Manufacturers S24VP04SI-2.7TE7 Datasheet HTML 6Page - List of Unclassifed Manufacturers S24VP04SI-2.7TE7 Datasheet HTML 7Page - List of Unclassifed Manufacturers S24VP04SI-2.7TE7 Datasheet HTML 8Page - List of Unclassifed Manufacturers S24VP04SI-2.7TE7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
S24VP04
2008 1.4 5/15/98
FIGURE 4. ACKNOWLEDGE RESPONSE FROM RECEIVER
CHARACTERISTICS OF THE I2C BUS
General Description
The I2C bus was designed for two-way, two-line serial
communication between different integrated circuits. The
two lines are: a serial data line (SDA), and a serial clock
line (SCL). The SDA line must be connected to a positive
supply by a pull-up resistor, located somewhere on the
bus (See Figure 1). Data transfer between devices may
be initiated with a START condition only when SCL and
SDA are HIGH (bus is not busy).
Input Data Protocol
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during clock
HIGH time, because changes on the data line while SCL
is HIGH will be interpreted as start or stop condition (See
Figure 2).
START and STOP Conditions
When both the data and clock lines are HIGH, the bus is
said to be not busy. A HIGH-to-LOW transition on the data
line, while the clock is HIGH, is defined as the “START”
condition. A LOW-to-HIGH transition on the data line,
while the clock is HIGH, is defined as the “STOP” condi-
tion (See Figure 3).
DEVICE OPERATION
The S24VP04 is a 16,384-bit serial E2PROM. The device
supports the I2C bidirectional data transmission protocol.
The protocol defines any device that sends data onto the
bus as a “transmitter” and any device which receives data
as a “receiver.” The device controlling data transmission
is called the “master” and the controlled device is called
the “slave.” In all cases, the S24VP04 will be a “slave”
device, since it never initiates any data transfers.
FIGURE 5. SLAVE ADDRESS BYTE
Acknowledge (ACK)
Acknowledge is a software convention used to indicate
successful data transfers. The transmitting device, either
the master or the slave, will release the bus after transmit-
ting eight bits. During the ninth clock cycle, the receiver
will pull the SDA line LOW to ACKnowledge that it re-
ceived the eight bits of data (See Figure 4).
The S24VP04 will respond with an ACKnowledge after
recognition of a START condition and its slave address
byte. If both the device and a write operation are selected,
the S24VP04 will respond with an ACKnowledge after the
receipt of each subsequent 8-bit word.
In the READ mode, the S24VP04 transmits eight bits of
data, then releases the SDA line, and monitors the line for
an ACKnowledge signal. If an ACKnowledge is detected,
and no STOP condition is generated by the master, the
S24VP04 will continue to transmit data. If an ACKnowledge
is not detected, the S24VP04 will terminate further data
transmissions and awaits a STOP condition before return-
ing to the standby power mode.
Device Addressing
Following a start condition the master must output the
address of the slave it is accessing. The most significant
four bits of the slave address are the device type identifier
(see figure 5). For the S24VP04 this is fixed as 1010[B].
SCL from
Master
Data Output
from
Transmitter
Data Output
from
Receiver
Start
Condition
ACKnowledge
tAA
tAA
1
8
9
2008 ILL6 1.0
1
0
1
0
S2
S1
BS
DEVICE
IDENTIFIER
HIGH ORDER
WORD ADDRESS
2008 ILL7 1.0
(A8)


Similar Part No. - S24VP04SI-2.7TE7

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S24 FAIRCHILD-S24 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S24 ETC2-S24 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S24 RFE-S24 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
PANDUIT CORP.
S24-120Q PANDUIT-S24-120Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S24-120Q0 PANDUIT-S24-120Q0 Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - S24VP04SI-2.7TE7

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C204 CATALYST-CAT35C204 Datasheet
359Kb / 7P
   4K-Bit SERIAL E2PROM
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
logo
Seiko Instruments Inc
S-2934A SII-S-2934A Datasheet
647Kb / 16P
   CMOS 4K- bit serial E2PROM Compatible with NMC93C66, NS code
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com