Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS160PR412 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR412
Description  DS160PR412 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 1:2 Demux
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR412 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DS160PR412 Datasheet HTML 10Page - Texas Instruments DS160PR412 Datasheet HTML 11Page - Texas Instruments DS160PR412 Datasheet HTML 12Page - Texas Instruments DS160PR412 Datasheet HTML 13Page - Texas Instruments DS160PR412 Datasheet HTML 14Page - Texas Instruments DS160PR412 Datasheet HTML 15Page - Texas Instruments DS160PR412 Datasheet HTML 16Page - Texas Instruments DS160PR412 Datasheet HTML 17Page - Texas Instruments DS160PR412 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
7 Detailed Description
7.1 Overview
The DS160PR412 is a four channel linear redriver with ingrated demultiplexer (demux). The low-power high-
performance linear repeater or redriver is designed to support PCIe 1.0/2.0/3.0/4.0. The device is a protocol
agnostic linear redriver that can operate for interfaces up to 16 Gbps.
The DS160PR412 can be configured two different ways:
Pin Mode – device control configuration is done solely by strap pins. Pin mode is expected to be good enough
for many system implementation needs.
SMBus/I2C Slave Mode - provides most flexibility. Requires a SMBus/I2C master device to configure
DS160PR412 though writing to its slave address.
7.2 Functional Block Diagram
Linear
Driver
TXBnP
TXBnN
One of Four 1:2 Demultiplexer Modules
Shared Digital Core
Power-
On Reset
Always-On
10MHz
GAIN/SDA
RX_DET/SCL
Shared Digital
RX Detect
Voltage Regulator
VCC
VREG1,2
GND
RXnP
RXnN
CTLE
Linear
Driver
TXAnP
TXAnN
Term
CTLE
Control
Driver
Control
RX
Detect
Control
Term
RX Detect
Term
Select
mux
control
DS160PR412
Redriver Demux 1:2
7.3 Feature Description
7.3.1 Linear Equalization
The DS160PR412 receivers feature a continuous-time linear equalizer (CTLE) that applies high-frequency boost
to help equalize the frequency-dependent insertion loss effects of the passive channel. Table 7-1 shows
available equalization boost through EQ control pins (EQ1 and EQ0), when in Pin Control mode (MODE = L0).
DS160PR412
SNLS685 – DECEMBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PR412


Similar Part No. - DS160PR412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR410 TI1-DS160PR410 Datasheet
826Kb / 29P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI1-DS160PR410 Datasheet
828Kb / 30P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410RNQR TI1-DS160PR410RNQR Datasheet
828Kb / 30P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410RNQT TI1-DS160PR410RNQT Datasheet
828Kb / 30P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
DS160PR410 TI1-DS160PR410_V01 Datasheet
828Kb / 30P
[Old version datasheet]   DS160PR410 Quad-Channel PCI-Express Gen-4 Linear Redriver
More results

Similar Description - DS160PR412

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS160PR421 TI-DS160PR421 Datasheet
3Mb / 37P
[Old version datasheet]   DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
SN75LVPE5412 TI-SN75LVPE5412 Datasheet
2Mb / 34P
[Old version datasheet]   SN75LVPE5412 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 1:2 Demux
DECEMBER 2021
SN75LVPE5421 TI-SN75LVPE5421 Datasheet
2Mb / 34P
[Old version datasheet]   SN75LVPE5421 PCIe짰 5.0 32 Gbps 4-Channel Linear Redriver with 2:1 Mux
DECEMBER 2021
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
[Old version datasheet]   DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
DS160PR822 TI-DS160PR822 Datasheet
1Mb / 31P
[Old version datasheet]   DS160PR822 PCIe 4.0 16-Gbps 8-Channel Linear Redriver with Four 2x2 Crosspoint
TUSB1142 TI-TUSB1142 Datasheet
1Mb / 55P
[Old version datasheet]   TUSB1142 USB Type-C??10 Gbps USB 3.2 2:1/1:2 Mux/DeMux Adaptive Linear Redriver
APRIL 2022
SN65LVCP114 TI1-SN65LVCP114 Datasheet
675Kb / 30P
[Old version datasheet]   14.2-Gbps Quad 1:2-2:1 MUX, Linear-Redriver With Signal Conditioning
DS160PR1601 TI1-DS160PR1601 Datasheet
2Mb / 39P
[Old version datasheet]   DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
TMUXHS4412 TI-TMUXHS4412 Datasheet
3Mb / 30P
[Old version datasheet]   TMUXHS4412 4-Channel 20 Gbps Differential 2:1/1:2 Mux/Demux
logo
Pericom Semiconductor C...
PI2EQX5964 PERICOM-PI2EQX5964 Datasheet
151Kb / 1P
   5.0Gbps 4-Lane PCIe짰 2.0 ReDriver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com