Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24VP04 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S24VP04
Description  4K Serial E2PROM with a Precision Low-VCC Lockout Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S24VP04 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S24VP04 Datasheet HTML 1Page - List of Unclassifed Manufacturers S24VP04 Datasheet HTML 2Page - List of Unclassifed Manufacturers S24VP04 Datasheet HTML 3Page - List of Unclassifed Manufacturers S24VP04 Datasheet HTML 4Page - List of Unclassifed Manufacturers S24VP04 Datasheet HTML 5Page - List of Unclassifed Manufacturers S24VP04 Datasheet HTML 6Page - List of Unclassifed Manufacturers S24VP04 Datasheet HTML 7Page - List of Unclassifed Manufacturers S24VP04 Datasheet HTML 8Page - List of Unclassifed Manufacturers S24VP04 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
S24VP04
2008 1.4 5/15/98
Address Inputs A0, A1, A2- Device Address Inputs
These inputs are unused by the S24VP04; however, to
ensure proper operation they should be left unconnected
or tied to ground. The should not be tied high.
ENDURANCE AND DATA RETENTION
The S24VP04 is designed for applications requiring
1,000,000 erase/write cycles and unlimited read cycles. It
provides 100 years of secure data retention, with or
without power applied, after the execution of 1,000,000
erase/write cycles.
DEVICE OPERATION
APPLICATIONS
The S24VP04 was designed specifically for applications
where the integrity of the stored data is paramount. In
recent years, as the operating voltage range of serial
E2PROMs has widened, most semiconductor manufac-
turers have arbitrarily eliminated their VCC sense circuits.
The S24VP04 will protect your data by guaranteeing write
lockout below the selected VCC Lockout voltage.
VCC Lockout
The S24VP04 has an on-board precision VCC sense
circuit. Whenever VCC is below VLOCK, the S24VP04 will
disable the internal write circuitry. The VCC lockout circuit
will ensure a higher level of data integrity than can be
expected from industry standard devices that have either
a very loose specification or no VCC lockout specification.
During a power-on sequence all writes will be inhibited
below the VLOCK level and will continue to be held in a write
inhibit state for approximately 200ms after VCC reaches,
then stays at or above VLOCK. The 200ms delay provides
a buffer space for the microcontroller to complete its
power-on initialization routines (reading is OK) while still
protecting against inadvertent writes.
During a power-down sequence initiation of writes will be
inhibited whenever VCC falls below VLOCK. This will guard
against the system’s microcontroller performing an inad-
vertent write within the ‘danger zone’. (see AN001)
PIN DESCRIPTIONS
Serial Clock (SCL) - The SCL input is used to clock data
into and out of the device. In the WRITE mode, data must
remain stable while SCL is HIGH. In the READ mode, data
is clocked out on the falling edge of SCL.
Serial Data (SDA) - The SDA pin is a bidirectional pin
used to transfer data into and out of the device. Data may
change only when SCL is LOW, except START and STOP
conditions. It is an open-drain output and may be wire-
ORed with any number of open-drain or open-collector
outputs.
PIN NAMES
A0, A1,A2
Address Inputs
SDA
Serial Data I/O
SCL
Serial Clock Input
DC
Don’t Care
GND
Ground
VCC
Supply Voltage
PIN CONFIGURATIONS
8
7
6
5
1
2
3
4
A0
A1
A2
GND
VCC
DC
SCL
SDA
A0
A1
A2
GND
VCC
DC
SCL
SDA
Plastic Dual-in-line
“P” Package
8
7
6
5
1
2
3
4
JEDEC Small Outline
“S” Package
2008 ILL1 1.2


Similar Part No. - S24VP04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
S24 FAIRCHILD-S24 Datasheet
49Kb / 3P
   Schottky Rectifiers
logo
List of Unclassifed Man...
S24 ETC2-S24 Datasheet
1Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
RFE international
S24 RFE-S24 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
PANDUIT CORP.
S24-120Q PANDUIT-S24-120Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
S24-120Q0 PANDUIT-S24-120Q0 Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - S24VP04

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C204 CATALYST-CAT35C204 Datasheet
359Kb / 7P
   4K-Bit SERIAL E2PROM
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
logo
Seiko Instruments Inc
S-2934A SII-S-2934A Datasheet
647Kb / 16P
   CMOS 4K- bit serial E2PROM Compatible with NMC93C66, NS code
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com