Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FX5545G006 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. FX5545G006
Description  Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

FX5545G006 Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
Document Number: 10122
16
Revision: 18-Jan-05
FX5545G006
Vishay
DIMENSIONS in inches [millimeters]
L
0.58 ± 0.01
[14.7 ± 0.25]
W
0.48 ± 0.01
[12.2 ± 0.25]
A
0.1 ± 0.01
[2.54 ± 0.25]
B
0.09 ± 0.01
[2.29 ± 0.25]
C
0.09 ± 0.01
[2.27 ± 0.25]
T
0.126 max
[3.2 max]
Ball Diameter
0.03 ± 0.001
[0.762 ± 0.025]
A
C
W
*Note: Pin Description application note is available at
www.vishay.com/doc?10119
**Note: if not used must be connected to Vin.
BOTTOM SIDE
20 19 18 17
16 15 14 13
12 11 10 9
876 5
4 32 1
Marked on Upper Side
PIN CONFIGURATION*
PIN
CONNECTION
1, 2
SD
3, 7
SYNC**
4, 8
N/C
5, 9
Vin
6, 10
PWM/PSM
11, 12
N/C
13, 17
GND
14, 18
Vout
15, 19
N/C
16, 20
GND
RECOMMENDED PAD PATTERN in inches [millimeters]
AD
F
0.1 ± 0.01
[2.54 ± 0.25]
0.03 ± 0.001
[0.8 ± 0.02]
0.02 ± 0.001
[0.5 ± 0.02]
TAPE AND REEL
See Tape and Reel Information - Type B
D
F
A


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FX5545G206Industry Smallest and Low Profile 15W 2.5A DC/DC Boost Converter with High Output Power Density 1 2 3 4 5 MoreVishay Siliconix
FX5545G106Industry Smallest and Low Profile 12W 2A DC/DC Boost Converter with High Output Power Density 1 2 3 4 5 MoreVishay Siliconix
FX5545G005Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G402Industry Smallest and Low Profile 5W 1A DC/DC Boost Converter with High Output Density Power 1 2 3 4 Vishay Siliconix
FX5545G305Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G105Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G201Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G108The Smallest and Low Profile 0.9V to 4.5V 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter 1 2 3 4 5 MoreVishay Siliconix
FX5959G701Power LED Driver the Smallest and Low Profile Constant Current Source 0 - 2.0A 2.5V to 7V with 450W/in3 Power Density and High Efficiency 1 2 3 4 5 MoreVishay Siliconix
FX5545G008Low Profile 3mm DC/DC Buck Converter 0.8V to 4.5V 3A with 380W/in3 Power Density Efficiency up to 95% 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn