Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FX5545G006 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. FX5545G006
Description  Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5545G006 Datasheet(HTML) 1 Page - Vishay Siliconix

  FX5545G006 Datasheet HTML 1Page - Vishay Siliconix FX5545G006 Datasheet HTML 2Page - Vishay Siliconix FX5545G006 Datasheet HTML 3Page - Vishay Siliconix FX5545G006 Datasheet HTML 4Page - Vishay Siliconix FX5545G006 Datasheet HTML 5Page - Vishay Siliconix FX5545G006 Datasheet HTML 6Page - Vishay Siliconix FX5545G006 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 10122
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
www.vishay.com
Revision: 18-Jan-05
15
FX5545G006
Vishay
Industry Smallest and Low Profile
9W 1.5A DC/DC Boost Converter
with High Output Power Density
FEATURES
• Fully integrated DC/DC converter
• High efficiency over large load range
• 100% duty cycle
• Power density - more than 330W/inch3
• 1µA shutdown current
• 2.5V to 6V input range (1Li+ and 3-cell NiCd or NiMH cells)
• 3.3V to 6V output voltage
• Programmable PWM/PSM controls
• Low output ripple
• BGA construction
• Temperature range: - 40°C to + 85°C
• No external components needed
• Output power 9W
• Maximum current 1.5A
• Low profile
The
DC/DC
converter
is
a
programmable
topology
synchronized Boost converter for today’s continuous
changing portable electronic market. The DC/DC converter
provides flexibility of utilizing various battery configurations
and chemistries such as NiCd, NiMH, or Li+ with an input
voltage range of 2.5V to 6V. An additional flexibility is
provided with topology programmibility to power multiple
loads such as power amplifiers, microcontrollers, or
baseband logic IC’s. For ultra-high efficiency, converters are
designed to operate in synchronous rectified PWM mode
under full load while transforming into externally controlled
pulse-skipping mode (PSM) under light load.
The DC/DC converter is available in 20-ports BGA package.
In order to satisfy the stringent ambient temperature
requirements, the DC/DC converter is designed to handle
the industrial temperature range of - 40°C to + 85°C.
APPLICATION
• Point of Load (POL) applications such as drivers for
FPGA’s, microprocessors, DSP’s amplifiers, etc.
• Cordless phones, PDAs and others
• Supply voltage source for low-voltage chip sets
• Portable computers
• Battery back-up supplies
• Cameras
ORDERING INFORMATION
FX
5545
G006
FUNCTION
SIZE
CIRCUIT IDENTIFIER
OUTPUT VOLTAGE - Example: 2.7V should be written as 2V7 as the V indicates the decimal point,
or ADJ for adjustable version - self selectable output voltage.
PACKAGING - B1 = 10pcs in bulk; B5 = 50pcs in bulk; T1 = 13” reel; T2 = 7” reel.
For lead (Pb)-free solder please add E2 suffix.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FX5545G206Industry Smallest and Low Profile 15W 2.5A DC/DC Boost Converter with High Output Power Density 1 2 3 4 5 MoreVishay Siliconix
FX5545G106Industry Smallest and Low Profile 12W 2A DC/DC Boost Converter with High Output Power Density 1 2 3 4 5 MoreVishay Siliconix
FX5545G005Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G402Industry Smallest and Low Profile 5W 1A DC/DC Boost Converter with High Output Density Power 1 2 3 4 Vishay Siliconix
FX5545G305Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G105Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G201Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G108The Smallest and Low Profile 0.9V to 4.5V 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter 1 2 3 4 5 MoreVishay Siliconix
FX5959G701Power LED Driver the Smallest and Low Profile Constant Current Source 0 - 2.0A 2.5V to 7V with 450W/in3 Power Density and High Efficiency 1 2 3 4 5 MoreVishay Siliconix
FX5545G008Low Profile 3mm DC/DC Buck Converter 0.8V to 4.5V 3A with 380W/in3 Power Density Efficiency up to 95% 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn