Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

FX5545G006 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. FX5545G006
Description  Industry Smallest and Low Profile 9W 1.5A DC/DC Boost Converter with High Output Power Density
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

FX5545G006 Datasheet(HTML) 6 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
Document Number: 10122
20
Revision: 18-Jan-05
FX5545G006
Vishay
Vout vs. Iout
3.27
3.28
3.29
3.3
3.31
3.32
3.33
0
0.5
1
1.5
2
Iout (A)
Vin=3v
Vin=2.7v
Vout vs. Vin
3.27
3.28
3.29
3.3
3.31
3.32
3.33
2.4
2.5
2.6
2.7
2.8
2.9
3
3.1
Vin (v)
Iout=1A
Iout=1.5A
Efficiency vs. Iout
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
Iout (A)
Vin=2.7v
Vin=3v
∆Temperature vs. Iout
Above 25
°C Ambient Temperature; Vin=2.5V
0
5
10
15
20
25
30
0
0.5
1
1.5
2
Iout (A)
Vout vs. Iout
5.9
5.92
5.94
5.96
5.98
6
6.02
6.04
6.06
6.08
6.1
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
Vin=5v
Vin=3v
Vout vs. Vin
5.94
5.96
5.98
6
6.02
6.04
6.06
6.08
6.1
2
2.5
3
3.5
4
4.5
5
5.5
6
Vin (v)
Iout=0.1A
Iout=0.2A
Efficiency vs. Iout
0
10
20
30
40
50
60
70
80
90
100
0
0.05
0.1
0.15
0.2
0.25
Iout (A)
Vin=5v
Vin=4v
PWM MODE 3.3V
PSM MODE 6V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FX5545G206Industry Smallest and Low Profile 15W 2.5A DC/DC Boost Converter with High Output Power Density 1 2 3 4 5 MoreVishay Siliconix
FX5545G106Industry Smallest and Low Profile 12W 2A DC/DC Boost Converter with High Output Power Density 1 2 3 4 5 MoreVishay Siliconix
FX5545G005Industry Smallest and Low Profile 5W 1.5A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G402Industry Smallest and Low Profile 5W 1A DC/DC Boost Converter with High Output Density Power 1 2 3 4 Vishay Siliconix
FX5545G305Industry Smallest and Low Profile 10W 3.0A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G105Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G201Industry Smallest and Low Profile 3W 1000mA DC/DC Buck Converter with High Output Power Density 1 2 3 4 Vishay Siliconix
FX5545G108The Smallest and Low Profile 0.9V to 4.5V 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter 1 2 3 4 5 MoreVishay Siliconix
FX5959G701Power LED Driver the Smallest and Low Profile Constant Current Source 0 - 2.0A 2.5V to 7V with 450W/in3 Power Density and High Efficiency 1 2 3 4 5 MoreVishay Siliconix
FX5545G008Low Profile 3mm DC/DC Buck Converter 0.8V to 4.5V 3A with 380W/in3 Power Density Efficiency up to 95% 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn