Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMOD701KITV1 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # SMOD701KITV1
Description  Trace Hydrogen (H2)Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SMOD701KITV1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  SMOD701KITV1 Datasheet HTML 1Page - Renesas Technology Corp SMOD701KITV1 Datasheet HTML 2Page - Renesas Technology Corp SMOD701KITV1 Datasheet HTML 3Page - Renesas Technology Corp SMOD701KITV1 Datasheet HTML 4Page - Renesas Technology Corp SMOD701KITV1 Datasheet HTML 5Page - Renesas Technology Corp SMOD701KITV1 Datasheet HTML 6Page - Renesas Technology Corp SMOD701KITV1 Datasheet HTML 7Page - Renesas Technology Corp SMOD701KITV1 Datasheet HTML 8Page - Renesas Technology Corp SMOD701KITV1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SGAS701 Datasheet
© 2017 Integrated Device Technology, Inc.
5
November 16, 2017
Table 3.
Temperature Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
TOP
Sensor Operation Temperature
VH = 5.4V
240
°C
TAMB
Recommended Environmental
Temperature Range
-20
50
°C
TSTOR
Maximum Storage Temperature Range
-50
125
°C
The sensor is not intended for continuous operation above or below the environmental temperature specification, but exposure for short
durations will not will not harm the sensor.
4. Sensor Characteristics
IDT’s solid-state chemiresistive sensors are an advanced type of gas-sensitive resistor; i.e. they sense the presence of a target gas through a
change in resistance of the sensing element. Most sensors exhibit reduced resistance as gas concentration increases, typically over several
orders of magnitude across the sensing range.
Solid-state chemiresistive sensors show a reduced resistance with increasing gas concentration according to Equation 1:
RS = A C
Equation 1
where RS is resistance, C is concentration, and A and ���� are constants. Although several refined versions of this equation are available for
specific sensors or sensing materials, the fundamental resistance versus concentration relationship for all of IDT’s n-type sensors follows
Equation 1. Taking the log of both sides of the equation results in Equation 2:
log (RS) = log(A) – α log(C)
Equation 2
This shows that log resistance versus log concentration is linear.
An immediately observable consequence of Equation 1 is that sensor resistance will change rapidly at low concentrations and much less at
high concentrations. This is illustrated in the following example:
RGAS_10ppm = 20kΩ
RGAS_100ppm = 5kΩ
AGAS = 8.0 ∗ 10
4
αair = 0.602
The non-logarithmic response plot shown in Figure 3 illustrates the fundamental challenge that must be addressed when measuring the
resistance of chemiresistor sensors and relating these measurements to gas concentrations. Additional nonlinear effects from the measurement
circuitry exacerbate these challenges and must be understood in order to account for or eliminate these effects.


Similar Part No. - SMOD701KITV1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SMOD701KITV1 IDT-SMOD701KITV1 Datasheet
714Kb / 16P
   Trace Hydrogen Sensor
More results

Similar Description - SMOD701KITV1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SGAS701 IDT-SGAS701 Datasheet
714Kb / 16P
   Trace Hydrogen Sensor
logo
ams AG
HLS-442 AMSCO-HLS-442 Datasheet
431Kb / 22P
   Automotive Hydrogen Leak Sensor
HPS-100 AMSCO-HPS-100 Datasheet
545Kb / 24P
   Automotive Hydrogen Sensor
logo
Zhengzhou Winsen Electr...
ME4-H2 WINSEN-ME4-H2 Datasheet
468Kb / 6P
   Hydrogen Gas Sensor
MQ136 WINSEN-MQ136 Datasheet
558Kb / 6P
   Hydrogen Sulfide Gas Sensor
logo
ams AG
HLS-440P AMSCO-HLS-440P Datasheet
487Kb / 23P
   Automotive Hydrogen Leak Sensor
logo
Zhengzhou Winsen Electr...
ME4-H2S WINSEN-ME4-H2S Datasheet
638Kb / 6P
   Hydrogen Sulfide Gas Sensor
logo
List of Unclassifed Man...
H2-CA-1000 ETC2-H2-CA-1000 Datasheet
121Kb / 1P
   SPECIFICATION SHEET FOR FOR H2 SENSOR
TGS821 ETC-TGS821 Datasheet
113Kb / 2P
   SPECIAL SENSOR FOR HYDROGEN GAS
logo
Zhengzhou Winsen Electr...
ME3-H2S WINSEN-ME3-H2S Datasheet
438Kb / 5P
   Electrochemical Hydrogen Sulfide Gas Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com