Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC950DGGRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDC950DGGRG4
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950DGGRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDC950DGGRG4 Datasheet HTML 4Page - Texas Instruments CDC950DGGRG4 Datasheet HTML 5Page - Texas Instruments CDC950DGGRG4 Datasheet HTML 6Page - Texas Instruments CDC950DGGRG4 Datasheet HTML 7Page - Texas Instruments CDC950DGGRG4 Datasheet HTML 8Page - Texas Instruments CDC950DGGRG4 Datasheet HTML 9Page - Texas Instruments CDC950DGGRG4 Datasheet HTML 10Page - Texas Instruments CDC950DGGRG4 Datasheet HTML 11Page - Texas Instruments CDC950DGGRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
HCLK/HCLK (Type X1)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
ro
Output resistance
3000
VO
Output voltage
1.2
V
IO
Output current
VDD = 3.30 V nom
All combinations of Table 5, See Note 5
−7%
l(NOM)
7%
l(NOM)
mA
IO
Output current
VDD = 3.30 V, ±5%
All combinations of Table 5, See Note 5
−12%
l(NOM)
12%
l(NOM)
mA
CO
Output capacitance
VDD = 3.30 V nom
VO = VDD GND
3.5
pF
NOTE 5: I(NOM) is output current (IOH) of table 5.
3V48, 3V48REFCLK (Type 3)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = –1 mA
VDD – 0.1
VOH
High-level output voltage
VDD = 3.135 V,
IOH = −14 mA
2.4
V
VOL
Low-level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 9 mA
0.18
0.4
VDD = 3.135 V,
VO = 1 V
−29
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
−37
IOH
High-level output current
VDD = 3.465 V,
VO = 3.135 V
−11
−23
mA
VDD = 3.135 V,
VO = 1.95 V
29
mA
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
39
IOL
Low-level output current
VDD = 3.465 V,
VO = 0.4 V
16
27
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
4.5
7
pF
Zo
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
20
40
60
Zo
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
20
40
60
† All typical values are measured at their respective nominal VDD values.


Similar Part No. - CDC950DGGRG4

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
   The smart system for automated measuring points
2022-03-04
logo
Texas Instruments
CDC906 TI-CDC906 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PW TI-CDC906PW Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWG4 TI-CDC906PWG4 Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PWR TI-CDC906PWR Datasheet
1Mb / 39P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results

Similar Description - CDC950DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC930 TI-CDC930 Datasheet
363Kb / 17P
[Old version datasheet]   133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC924 TI-CDC924 Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI-CDC925 Datasheet
253Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC922 TI-CDC922 Datasheet
239Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC921 TI-CDC921 Datasheet
235Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
   133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
   133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
   133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com