Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1612 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB1612
Description  Silicon PNP epitaxial planer type(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1612 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB1612 Datasheet HTML 1Page - Panasonic Semiconductor 2SB1612 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SB1612
Silicon PNP epitaxial planer type
For low-frequency amplification
Complementary to 2SD2474
s Features
q
Low collector to emitter saturation voltage VCE(sat).
q
Mini Power type package, allowing downsizing of the equipment
and automatic insertion through the tape packing and the maga-
zine packing.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ SC–62
3:Emitter
Mini Power Type Package
4.5
±0.1
3.0
±0.15
1.5
±0.1
0.4
±0.08
0.5
±0.08
1.5
±0.1
0.4
±0.04
1.6
±0.2
45
°
marking
321
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
–10
–10
–7
–2.4
–2
1
150
–55 ~ +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
VCBO
VCEO
VEBO
hFE
VCE(sat)
fT
Cob
Conditions
VCB = –7V, IE = 0
IC = –10µA, IE = 0
IC = –1mA, IB = 0
IE = –10µA, IC = 0
VCE = –2V, IC = 200mA
IC = –1A, IB = –10mA
VCB = –6V, IE = 50mA, f = 200MHz
VCB = –6V, IE = 0, f = 1MHz
min
–10
–10
–7
200
typ
– 0.19
60
100
max
–1
800
– 0.25
Unit
µA
V
V
V
V
MHz
pF
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion
Marking symbol :
2F


Similar Part No. - 2SB1612

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1616 ROHM-2SB1616 Datasheet
39Kb / 1P
   MEDIUM POWER TRANSISTER
2SB1616 ROHM-2SB1616 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Toshiba Semiconductor
2SB1617 TOSHIBA-2SB1617 Datasheet
197Kb / 3P
   TRANSISTOR (MICRO MOTOR DRIVE, HAMMER DRIVE, SUPER SWITCHING, AMPLIFIER APLICATIONS)
2SB1617 TOSHIBA-2SB1617 Datasheet
148Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
2SB1617 TOSHIBA-2SB1617_06 Datasheet
148Kb / 5P
   Silicon PNP Epitaxial Type (Darlington)
More results

Similar Description - 2SB1612

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1050 PANASONIC-2SB1050 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1073 PANASONIC-2SB1073 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB774 PANASONIC-2SB774 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1030 PANASONIC-2SB1030 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1539 PANASONIC-2SB1539 Datasheet
36Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1592 PANASONIC-2SB1592 Datasheet
35Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB1679 PANASONIC-2SB1679 Datasheet
44Kb / 1P
   Silicon PNP epitaxial planer type(For low-frequency amplification)
2SB873 PANASONIC-2SB873 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency power amplification)
2SB767 PANASONIC-2SB767 Datasheet
38Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1434 PANASONIC-2SB1434 Datasheet
60Kb / 2P
   Silicon PNP epitaxial planer type(For low-frequency output amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com