Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1605 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB1605
Description  Silicon PNP epitaxial planar type(For low-freauency power amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB1605 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB1605 Datasheet HTML 1Page - Panasonic Semiconductor 2SB1605 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SB1605, 2SB1605A
Silicon PNP epitaxial planar type
For low-freauency power amplification
s Features
q
High forward current transfer ratio hFE which has satisfactory linearity
q
Low collector to emitter saturation voltage VCE(sat)
q
Full-pack package with outstanding insulation, which can be in-
stalled to the heat sink with one screw
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–60
–80
–60
–80
–5
–5
–3
35
2
150
–55 to +150
2SB1605
2SB1605A
2SB1605
2SB1605A
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
TO–220E Full Pack Package
9.9
±0.3
23
1
4.6
±0.2
2.9
±0.2
2.6
±0.1
2.54
±0.2
0.75
±0.1
1.2
±0.15
5.08
±0.4
φ3.2±0.1
1.45
±0.15
0.7
±0.1
7
°
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff
current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Base to emitter voltage
Collector to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICES
ICEO
IEBO
VCEO
hFE1
*
hFE2
VBE
VCE(sat)
fT
ton
tstg
tf
Conditions
VCE = –60V, VBE = 0
VCE = –80V, VBE = 0
VCE = –30V, IB = 0
VCE = –60V, IB = 0
VEB = –5V, IC = 0
IC = –30mA, IB = 0
VCE = –4V, IC = –1A
VCE = –4V, IC = –3A
VCE = –4V, IC = –3A
IC = –3A, IB = – 0.375A
VCE = –10V, IC = – 0.5A, f = 10MHz
IC = –1A, IB1 = – 0.1A, IB2 = 0.1A
min
–60
–80
70
10
typ
30
0.5
1.2
0.3
max
–200
–200
–300
–300
–1
250
–1.8
–1.2
Unit
µA
µA
mA
V
V
V
MHz
µs
µs
µs
2SB1605
2SB1605A
2SB1605
2SB1605A
2SB1605
2SB1605A
*h
FE1 Rank classification
Rank
Q
P
hFE1
70 to 150
120 to 250


Similar Part No. - 2SB1605

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB1605 SAVANTIC-2SB1605 Datasheet
236Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1605 ISC-2SB1605 Datasheet
161Kb / 4P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2SB1605 SAVANTIC-2SB1605 Datasheet
237Kb / 4P
   Silicon PNP Power Transistors
2SB1605A SAVANTIC-2SB1605A Datasheet
236Kb / 4P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB1605A ISC-2SB1605A Datasheet
161Kb / 4P
   Silicon PNP Power Transistors
More results

Similar Description - 2SB1605

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1249 PANASONIC-2SD1249 Datasheet
53Kb / 2P
   Silicon NPN triple diffusion planar type(For low-freauency power amplification)
2SB1643 PANASONIC-2SB1643 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB954 PANASONIC-2SB954 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1417 PANASONIC-2SB1417 Datasheet
55Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1548 PANASONIC-2SB1548 Datasheet
45Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB930 PANASONIC-2SB930 Datasheet
49Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1299 PANASONIC-2SB1299 Datasheet
53Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1393 PANASONIC-2SB1393 Datasheet
46Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1553 PANASONIC-2SB1553 Datasheet
52Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1554 PANASONIC-2SB1554 Datasheet
54Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com