Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH286H-YLA Datasheet(PDF) 7 Page - Anachip Corp

Part # AH286H-YLA
Description  Hall-Effect Smart Fan Motor Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH286H-YLA Datasheet(HTML) 7 Page - Anachip Corp

  AH286H-YLA Datasheet HTML 1Page - Anachip Corp AH286H-YLA Datasheet HTML 2Page - Anachip Corp AH286H-YLA Datasheet HTML 3Page - Anachip Corp AH286H-YLA Datasheet HTML 4Page - Anachip Corp AH286H-YLA Datasheet HTML 5Page - Anachip Corp AH286H-YLA Datasheet HTML 6Page - Anachip Corp AH286H-YLA Datasheet HTML 7Page - Anachip Corp AH286H-YLA Datasheet HTML 8Page - Anachip Corp AH286H-YLA Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AH286
Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 1.0 Sep 29, 2005
7/9
Package Information
(1)Package type: SIP-5L
( unit: mm / [inch] )
4.2 REF
[0.165 REF]
0.001]
[0.016
0.03
0.41
±
±
0.001]
[0.037
0.03
0.95
±
±
0.003]
[0.144
0.1
3.65
±
±
0.003]
[0.019
0.1
0.48
±
±
]
003
.
0
±
206
.
0
[
1
.
0
±
22
.
5
2-0.3C
[0.079-0.012C]
0.001]
[0.015
0.03
0.38
±
±
°
° 3
~
2
0.012]
[0.563
0.3
14.3
±
±
0.003]
[0.061
0.1
1.55
±
±
0.003]
[0.029
0.1
0.73
±
±
°
° 5
~
2
°
° 5
~
2
°
° 3
~
2
Location of Sensing Point
1.016 mm
[0.04 inch]
2.006 mm
[0.079 inch]
12
34
5
( Top View)


Similar Part No. - AH286H-YLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH286 DIODES-AH286 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286-P DIODES-AH286-P Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH286-PL-13 DIODES-AH286-PL-13 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH286-PL-7 DIODES-AH286-PL-7 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
More results

Similar Description - AH286H-YLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com