Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS-14M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. GS-14M
Description  Compact Inductive Proximity Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GS-14M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  GS-14M Datasheet HTML 1Page - Panasonic Semiconductor GS-14M Datasheet HTML 2Page - Panasonic Semiconductor GS-14M Datasheet HTML 3Page - Panasonic Semiconductor GS-14M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
859
Related Information
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Amplifier-
separated
Other
Products
GS/GA
Compact Inductive Proximity Sensor Amplifier-separated
GS SERIES GA SERIES
Large selection
PNP output
type available
General terms and conditions.............F-3 Selection guide.............................P.781~
Glossary of terms........................P.1576~ General precautions...................P.1579~
panasonic.net/id/pidsx/global
ORDER GUIDE
Sensor heads
Type
Appearance (mm in)
Sensing range (Note)
Model No.
18
0.709
ø3.8
ø0.150
2 mm 0.079 in
(0 to 0.8 mm 0 to 0.031 in
GS-3S
ø5.4
ø0.213
18
0.709
3 mm 0.118 in
(0 to 1 mm 0 to 0.039 in
GS-5S
ø8
ø0.315
18
0.709
4 mm 0.157 in
(0 to 2 mm 0 to 0.079 in
GS-8S
M8
18
0.709
3.5 mm 0.138 in
(0 to 1.5 mm 0 to 0.059 in
GS-8M
M10
18
0.709
4 mm 0.157 in
(0 to 2 mm 0 to 0.079 in
GS-10M
M12
18
0.709
6 mm 0.236 in
0 to 3 mm 0 to 0.118 in
GS-12M
M14
18
0.709
8 mm 0.315 in
(0 to 5 mm 0 to 0.197 in
GS-14M
8 mm 0.315 in
(0 to 5 mm 0 to 0.197 in
GS-14T
Maximum operation distance
Stable sensing range
Note: The maximum operation distance stands for the maximum distance for which the sensor can detect the standard sensing object.
The stable sensing range stands for the sensing range for which the sensor can stably detect the standard sensing object even if there is an
ambient temperature drift and/or supply voltage fluctuation.
Metal embedding
possible
With adjuster
Center of sensing
15
0.591
31
1.220
5
0.197


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn