Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS-14M Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. GS-14M
Description  Compact Inductive Proximity Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GS-14M Datasheet(HTML) 4 Page - Panasonic Semiconductor

  GS-14M Datasheet HTML 1Page - Panasonic Semiconductor GS-14M Datasheet HTML 2Page - Panasonic Semiconductor GS-14M Datasheet HTML 3Page - Panasonic Semiconductor GS-14M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Compact Inductive Proximity Sensor
GS SERIES GA SERIES
862
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Amplifier-
separated
Other
Products
GS/GA
DIMENSIONS (Unit: mm in)
The CAD data can be downloaded from our website.
GS-3S GS-5S GS-8S
GS-8M GS-10M GS-12M GS-14M
B
A
ø2.5 ø0.098 coaxial cable,
3 m 9.843 ft long
D
C
E
F
G
ø2.5 ø0.098 coaxial cable,
3 m 9.843 ft long
31
1.220
5
0.197
20
0.787
8 0.315
15
0.591
7.5
0.295
Center of sensing
ø2.5 ø0.098 coaxial cable,
3 m 9.843 ft long
2-mounting holes for M3
countersunk head screw
Suitable for 35 mm 1.378 in
width DIN rail
75
2.953
65
2.559
22.5
0.886
86
3.386
7.5 0.295
15
0.591
2-4.5 × 5.5 0.177 × 0.217
elongated holes
Operation indicator
Operation mode switch
Sensitivity adjuster
Symbols
Model No.
A
B
GS-3S
ø3.8 ø0.150
18 0.709
GS-5S
ø5.4 ø0.213
GS-8S
ø8 ø0.315
Symbols
Model No.
C
D
E
F
G
GS-8M
M8 × 1 0.039
18
0.709
3
0.118
ø15
ø0.591
12
0.472
GS-10M
M10 × 1 0.039
ø18
ø0.709
14
0.551
GS-12M
M12 × 1 0.039
3.5
0.138
ø21
ø0.827
17
0.669
GS-14M
M14 × 1 0.039
ø23
ø0.906
19
0.748
2-ø3.5 ø0.138
mounting holes
K
L
H J
4 0.157
16
0.630
8
0.315
4
0.157
4
0.157
Model No.
Symbols
MS-SS3
MS-SS5
MS-SS8
H
16 0.630
18 0.709
20 0.787
J
9 0.354
10 0.394
11 0.433
K
6.3 0.248
8.3 0.327
10.3 0.406
L
4.9 0.193
6.1 0.240
6.5 0.256
Applicable sensor head model No.
GS-3S
GS-5S
GS-8S
MS-SS3 MS-SS5 MS-SS8
GA-2 GA-2R GA-2D
Sensor head mounting bracket
for non-threaded type (Optional)
Amplifier
GS-14T
Material: Nylon 66
Sensor head
Sensor head
Sensor head


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn