Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS-14M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. GS-14M
Description  Compact Inductive Proximity Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GS-14M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  GS-14M Datasheet HTML 1Page - Panasonic Semiconductor GS-14M Datasheet HTML 2Page - Panasonic Semiconductor GS-14M Datasheet HTML 3Page - Panasonic Semiconductor GS-14M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
861 CompactInductiveProximitySensorGSSERIES GASERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Amplifier-
separated
Other
Products
GS/GA
SPECIFICATIONS
I/O CIRCUIT DIAGRAMS
Type
AC supply type
DC supply type
Item
Model No.
GA-2
GA-2R
GA-2D
Supply voltage
90-260 V AC
10 to 28 V DC
Power / current consumption
2.5 VA approx.
9 VA approx.
20 mA approx.
Output
AC non-contact (Photo-thyristor)
• Switching capacity: 260 V AC
2 to 100 mA
Relay contact 1a
• Switching capacity: 250 V AC 2 A
(resistive load)
• Rated load life: 500,000 or more
switching operations
NPN open-collector transistor
•Maximum sink current: 200 mA
•Applied voltage: 30 V DC or less
(between output and 0 V)
•Residual voltage:
1.5 V or less (at 200 mA sink current)
0.4 V or less (at 16 mA sink current)
•Short-circuit protection
PNP open-collector transistor
• Maximum source current: 200 mA
• Residual voltage: 1.5 V or less
(at 200 mA source current)
• Short-circuit protection
Output operation
Selectable either Normally open or Normally closed
Response time
10 ms or less
1 ms or less
Operation indicator
Red LED (lights up when the output is ON)
Sensitivity adjuster
15-turn potentiometer
Ambient temperature
–10 to +60 °C –14 to +140 °F (No dew condensation or icing allowed), Storage: –10 to +60 °C –14 to +140 °F
Ambient humidity
35 to 85 % RH, Storage: 35 to 85 % RH
Material
Cover: ABS, Terminal part: PBT
Net weight
130 g approx.
150 g approx.
75 g approx.
Accessory
Adjusting screwdriver: 1 pc.
Amplifiers
Note: Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
The CAD data can be downloaded from our website.
GA-2
GA-2R
2
3
4
1
7
8
ZD2
ZD1
Tr
D
2
Tr 1
10 to 28 V DC
+V
0 V
NPN output
PNP output
Terminal No.
Load
Load
Shield
Sensor head
Users’ circuit
Internal circuit
1
2
3
4
7
8
Relay contact (1a)
Output
relay
Power supply
90-260 V AC
Power
supply
circuit
Terminal No.
Users’ circuit
Internal circuit
Sensor head
Shield
GA-2D
Power
supply
circuit
Terminal No.
1
2
3
4
7
8
Sensor head
Shield
Surge
absorber
Photo-thyristor
Load
Users’ circuit
Internal circuit
Power supply
90-260 V AC
Power supply
for load (Note 1)
10-260 V AC
Note: The sensor is damaged if connected with no load.
–20
–4
0
32
20
68
40
104
60
140
80
176
Ambient temperature (°C °F)
240
80
120
160
200
40
0
The output current to be used should be less than the values
shown on the table below depending on the maximum ambient
temperature.
Table of output current and temperature characteristic
Symbols … D: Reverse supply polarity protection diode
ZD1, ZD2: Surge absorption zener diode
Tr1: PNP output transistor
Tr2: NPN output transistor


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn