Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS-14M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. GS-14M
Description  Compact Inductive Proximity Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GS-14M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  GS-14M Datasheet HTML 1Page - Panasonic Semiconductor GS-14M Datasheet HTML 2Page - Panasonic Semiconductor GS-14M Datasheet HTML 3Page - Panasonic Semiconductor GS-14M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Compact Inductive Proximity Sensor
GS SERIES GA SERIES
860
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
MANAGEMENT
SOLUTIONS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Amplifier-
separated
Other
Products
GS/GA
Amplifiers
Appearance (mm in)
Model No.
Supply voltage
Output
22.5
0.886
75
2.953
86
3.386
GA-2
90-260 V AC
AC non-contact
(Photo-thyristor)
GA-2R
Relay contact 1a
GA-2D
10 to 28 V DC
NPN, PNP
(2 outputs)
ORDER GUIDE
• Be sure to use the sensor head with
the amplifier as a set.
OPTIONS
Designation
Model No.
Description
Sensor head
mounting
bracket
MS-SS3
Mounting bracket for
GS-3S
MS-SS5
Mounting bracket for
GS-5S
MS-SS8
Mounting bracket for
GS-8S
Sensor head mounting bracket
The sensor head can be
easily fixed.
• MS-SS□
SPECIFICATIONS
Sensor heads
Notes: 1) Where measurement conditions have not been specified precisely, the conditions used were an ambient temperature of +23 °C +73.4 °F.
2) The maximum operation distance stands for the maximum distance for which the sensor can detect the standard sensing object.
The stable sensing range stands for the sensing range for which the sensor can stably detect the standard sensing object even if there is an
ambient temperature drift and/or supply voltage fluctualion.
3) The repeatability is given for the stable sensing range. (along sensing axis, perpendicular to sensing axis)
4) If the cable of the sensor head is cut or extended, the sensing range and the hysteresis change.
5) The weight of the threaded type includes the weight of two nuts and one toothed lock washer.
Type
Non-threaded type
Threaded type
Front sensing
type
Item
Model No.
GS-3S
GS-5S
GS-8S
GS-8M
GS-10M
GS-12M
GS-14M
GS-14T
Applicable amplifiers
GA-2, GA-2R, GA-2D
Max. operation distance (Note 2) 2 mm 0.079 in
3 mm 0.118 in
4 mm 0.157 in
3.5 mm 0.138 in
4 mm 0.157 in
6 mm 0.236 in
8 mm 0.315 in
8 mm 0.315 in
Stable sensing range (Note 2)
0 to 0.8 mm
0 to 0.031 in
0 to 1mm
0 to 0.039 in
0 to 2 mm
0 to 0.079 in
0 to 1.5 mm
0 to 0.059 in
0 to 2 mm
0 to 0.079 in
0 to 3 mm
0 to 0.118 in
0 to 5 mm
0 to 0.197 in
0 to 5 mm
0 to 0.197 in
Standard sensing object
Iron sheet 18 × 18 × t 1 mm 0.709 × 0.709 × t 0.039 in
Hysteresis
50 µm 1.969 mil or less
60 µm 2.362 mil
or less
70 µm 2.756 mil or less
Repeatability (Note 3)
2 µm 0.079 mil
or less
2.5 µm 0.098 mil
or less
5 µm 0.197 mil
or less
3 µm 0.118 mil
or less
5 µm 0.197 mil or less
Protection
IP67 (IEC)
Ambient temperature
–10 to +60 °C 14 to +140 °F, Storage: –10 to +60 °C 14 to +140 °F
Ambient humidity
35 to 95 % RH, Storage: 35 to 95 % RH
Vibration resistance
10 to 55 Hz frequency, 1.5 mm 0.059 in double amplitude in X, Y and Z directions for two hours each
Shock resistance
500 m/s2 acceleration (50 G approx.) in X, Y and Z directions three times each
Material
Enclosure: Stainless steel [threaded type sensor head: Brass (Nickel plated)], Resin part: PVC
Cable
Oil-resistant high frequency coaxial cable, 3 m 9.843 ft long (intrinsic impedance: 50Ω) (Note 4)
Cable extension
Extension up to total 8 m 26.247 ft is possible with an equivalent cable (Note 4)
Net weight (Note 5)
35 g approx.
36 g approx.
37 g approx.
44 g approx.
45 g approx.
50 g approx.
53 g approx.
46 g approx.
Accessories
Nut: 2 pcs., Toothed lock washer: 1 pc.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn