Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-4501-JH000 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-4501-JH000
Description  Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-4501-JH000 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-4501-JH000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-4501-JH000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-4501-JH000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-4501-JH000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-4501-JH000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-4501-JH000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-4501-JH000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-4501-JH000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Electrical/Optical Characteristics at TA = 25°C
AlGaAs Red HDSP-M10x Series
Description
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Luminous Intensity/Dot[4]
10 mA pk: 1 of 5
(Digit Average)
IV
Duty Factor (2 mA Avg.)
HDSP-L10x (17.3 mm)
730
1650
HDSP-M10x (26.5 mm)
760
1850
Luminous Intensity/Dot[4]
30 mA pk: 1 of 14
(Digit Average)
IV
Duty Factor (2.1 mA Avg.)
HDSP-L10x
1750
HDSP-M10x
1980
Peak Wavelength
λ
PEAK
645
nm
Dominant Wavelength[5]
λ
d
637
nm
Forward Voltage
VF
IF = 10 mA
1.7
2.1
V
Reverse Voltage[6]
VR
IR = 100 µA
3.0
15.0
V
Temperature Coefficient of VF
∆V
F /°C
-2.0
mV/
°C
Thermal Resistance LED
Junction-to-Pin per package
HDSP-L10x
R
θ
J-PIN
20
°C/W/
HDSP-M10x
18
PACK
µcd
µcd
High Efficiency Red HDSP-450x Series
Description
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Luminous Intensity/Dot[4]
50 mA pk: 1 of 5
(Digit Average)
IV
Duty Factor (10 mA Avg.)
HDSP-L20x (17.3 mm)
1150
2800
HDSP-450x (26.5 mm)
1400
3500
Luminous Intensity/Dot[4]
30 mA pk: 1 of 14
(Digit Average)
IV
Duty Factor (2.1 mA Avg.)
HDSP-L20x
740
HDSP-450x
930
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[5]
λ
d
626
nm
Forward Voltage
VF
IF = 50 mA
2.6
3.5
V
Reverse Voltage[6]
VR
IR = 100 µA
3.0
25.0
V
Temperature Coefficient of VF
∆V
F /°C-2.0
mV/
°C
Thermal Resistance LED
Junction-to-Pin per package
HDSP-L20x
R
θ
J-PIN
15
°C/W/
HDSP-450x
13
PACK
µcd
µcd


Similar Part No. - HDSP-4501-JH000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4030 AVAGO-HDSP-4030 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
HDSP-4031 AVAGO-HDSP-4031 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
HDSP-4033 AVAGO-HDSP-4033 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
HDSP-4036 AVAGO-HDSP-4036 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
HDSP-4130 AVAGO-HDSP-4130 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
More results

Similar Description - HDSP-4501-JH000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com