Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H755IIH6TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32H755IIH6TR
Description  Dual 32-bit Arm짰 Cortex짰-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, crypto
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H755IIH6TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32H755IIH6TR Datasheet HTML 13Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 14Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 15Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 16Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 17Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 18Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 19Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 20Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 252 page
background image
DS12919 Rev 1
17/252
STM32H755xI
Description
54
Maximum CPU frequency
480 MHz(2)
400 MHz(3)
300 MHz(4)
Operating voltage
1.62 to 3.6 V(5)
Operating
temperatures
Ambient temperature
–40 up to +85 °C(6)
Junction temperature
–40 to + 125 °C
Extended
operating
temperatures
Ambient temperature
–40 to + 125 °C(4)(7)
Junction temperature
–40 to + 140 °C(8)
Package
LQFP144
LQFP
176
UFBGA
176+
25
LQFP208
TFBGA240+
25
1. The SPI1, SPI2 and SPI3 interfaces give the flexibility to work in an exclusive way in either the SPI mode or the I2S audio
mode.
2. The product junction temperature must be kept within the –40 to +105 °C range.
3. The product junction temperature must be kept within the –40 to +125 °C range.
4. Up to 300 MHz for STM32H755xxx3 sales types (extended industrial temperature range).
5. VDD/VDDA can drop down to 1.62 V by using an external power supervisor (see Section 3.5.2: Power supply supervisor) and
connecting PDR_ON pin to VSS. Otherwise the supply voltage must stay above 1.71 V with the embedded power voltage
detector enabled.
6. Using appropriate cooling methods to guarantee that the maximum junction temperature (125 °C) is not exceeded, the
maximum ambient temperature (85°C) can be exceeded.
7. The product junction temperature must be kept within the –40 to +140 °C range.
8. It is mandatory to use the SMPS step-down converter when the maximum junction temperature is higher than 125 °C.
Table 1. STM32H755xI features and peripheral counts (continued)
Peripherals
STM32H755ZI
STM32H755II
STM32H755BI
STM32H755
XI


Similar Part No. - STM32H755IIH6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H750 STMICROELECTRONICS-STM32H750 Datasheet
320Kb / 4P
   High-performance value lines
STM32H750 STMICROELECTRONICS-STM32H750 Datasheet
3Mb / 26P
   STM32 development boards
STM32H750B-DK STMICROELECTRONICS-STM32H750B-DK Datasheet
2Mb / 6P
   Discovery kits with STM32H745XI and STM32H750XB MCUs
Rev 2 - April 2019
STM32H750B-DK STMICROELECTRONICS-STM32H750B-DK Datasheet
3Mb / 26P
   STM32 development boards
STM32H750IB STMICROELECTRONICS-STM32H750IB Datasheet
3Mb / 335P
   32-bit Arm짰 Cortex짰-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
Rev 5
More results

Similar Description - STM32H755IIH6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H747AI STMICROELECTRONICS-STM32H747AI Datasheet
3Mb / 252P
   Dual 32-bit Arm짰 Cortex짰-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
May 2019 Rev 1
STM32H747XI STMICROELECTRONICS-STM32H747XI Datasheet
3Mb / 252P
   Dual 32-bit Arm짰 Cortex짰-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
May 2019 Rev 1
STM32H742XI STMICROELECTRONICS-STM32H742XI Datasheet
4Mb / 357P
   32-bit Arm짰 Cortex짰-M7 480MHz MCUs, up to 2MB Flash, up to 1MB RAM, 46 com. and analog interfaces
April 2019 Rev 7
STM32H757XI STMICROELECTRONICS-STM32H757XI Datasheet
2Mb / 251P
   Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
May 2019
STM32H745XI STMICROELECTRONICS-STM32H745XI Datasheet
3Mb / 252P
   Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
May 2019
STM32H753XI STMICROELECTRONICS-STM32H753XI Datasheet
7Mb / 361P
   32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
March 2022
STM32H750VB STMICROELECTRONICS-STM32H750VB_V01 Datasheet
4Mb / 337P
   32-bit Arm짰 Cortex짰-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
February 2021
STM32H750VB STMICROELECTRONICS-STM32H750VB Datasheet
3Mb / 335P
   32-bit Arm짰 Cortex짰-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
Rev 5
STM32H742XI STMICROELECTRONICS-STM32H742XI_V01 Datasheet
7Mb / 357P
   32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
March 2023
STM32H7B0XB STMICROELECTRONICS-STM32H7B0XB Datasheet
6Mb / 205P
   32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
Rev 7 - May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com