Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM32H755IIH6TR Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32H755IIH6TR
Description  Dual 32-bit Arm짰 Cortex짰-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, crypto
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H755IIH6TR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32H755IIH6TR Datasheet HTML 59Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 60Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 61Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 62Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 63Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 64Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 65Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 66Page - STMicroelectronics STM32H755IIH6TR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 252 page
background image
DS12919 Rev 1
63/252
STM32H755xI
Pin descriptions
104
--
-
-
H1
PI12
I/O
FT
-
LCD_HSYNC,
EVENTOUT
-
--
-
-
H2
PI13
I/O
FT
-
LCD_VSYNC,
EVENTOUT
-
--
-
-
H3
PI14
I/O
FT_
h
-
LCD_CLK, EVENTOUT
-
-H4
21
25
H4
PF3
I/O
FT_
ha
-
FMC_A3, EVENTOUT
ADC3_INP5
-H2
22
26
J5
PF4
I/O
FT_
ha
-
FMC_A4, EVENTOUT
ADC3_INN5,
ADC3_INP9
-H3
23
27
J4
PF5
I/O
FT_
ha
-
FMC_A5, EVENTOUT
ADC3_INP4
18
E1
24
28
C10
VSS
S
-
-
-
-
19
E4
25
29
E9
VDD
S
-
-
-
-
20
H1
26
30
K2
PF6
I/O
FT_
ha
-
TIM16_CH1, SPI5_NSS,
SAI1_SD_B, UART7_RX,
SAI4_SD_B,
QUADSPI_BK1_IO3,
EVENTOUT
ADC3_INN4,
ADC3_INP8
21
J3
27
31
K3
PF7
I/O
FT_
ha
-
TIM17_CH1, SPI5_SCK,
SAI1_MCLK_B,
UART7_TX,
SAI4_MCLK_B,
QUADSPI_BK1_IO2,
EVENTOUT
ADC3_INP3
22
J2
28
32
K4
PF8
I/O
FT_
ha
-
TIM16_CH1N,
SPI5_MISO,
SAI1_SCK_B,
UART7_RTS/UART7_DE
, SAI4_SCK_B,
TIM13_CH1,
QUADSPI_BK1_IO0,
EVENTOUT
ADC3_INN3,
ADC3_INP7
23
J4
29
33
L4
PF9
I/O
FT_
ha
-
TIM17_CH1N,
SPI5_MOSI, SAI1_FS_B,
UART7_CTS,
SAI4_FS_B, TIM14_CH1,
QUADSPI_BK1_IO1,
EVENTOUT
ADC3_INP2
Table 7. STM32H755xI pin/ball definition (continued)
Pin/ball name
Pin name
(function
after reset)
Alternate functions
Additional
functions


Similar Part No. - STM32H755IIH6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H750 STMICROELECTRONICS-STM32H750 Datasheet
320Kb / 4P
   High-performance value lines
STM32H750 STMICROELECTRONICS-STM32H750 Datasheet
3Mb / 26P
   STM32 development boards
STM32H750B-DK STMICROELECTRONICS-STM32H750B-DK Datasheet
2Mb / 6P
   Discovery kits with STM32H745XI and STM32H750XB MCUs
Rev 2 - April 2019
STM32H750B-DK STMICROELECTRONICS-STM32H750B-DK Datasheet
3Mb / 26P
   STM32 development boards
STM32H750IB STMICROELECTRONICS-STM32H750IB Datasheet
3Mb / 335P
   32-bit Arm짰 Cortex짰-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
Rev 5
More results

Similar Description - STM32H755IIH6TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32H747AI STMICROELECTRONICS-STM32H747AI Datasheet
3Mb / 252P
   Dual 32-bit Arm짰 Cortex짰-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
May 2019 Rev 1
STM32H747XI STMICROELECTRONICS-STM32H747XI Datasheet
3Mb / 252P
   Dual 32-bit Arm짰 Cortex짰-M7 up to 480MHz and -M4 MCUs, up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI
May 2019 Rev 1
STM32H742XI STMICROELECTRONICS-STM32H742XI Datasheet
4Mb / 357P
   32-bit Arm짰 Cortex짰-M7 480MHz MCUs, up to 2MB Flash, up to 1MB RAM, 46 com. and analog interfaces
April 2019 Rev 7
STM32H757XI STMICROELECTRONICS-STM32H757XI Datasheet
2Mb / 251P
   Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs, 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS, DSI, crypto
May 2019
STM32H745XI STMICROELECTRONICS-STM32H745XI Datasheet
3Mb / 252P
   Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
May 2019
STM32H753XI STMICROELECTRONICS-STM32H753XI Datasheet
7Mb / 361P
   32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
March 2022
STM32H750VB STMICROELECTRONICS-STM32H750VB_V01 Datasheet
4Mb / 337P
   32-bit Arm짰 Cortex짰-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
February 2021
STM32H750VB STMICROELECTRONICS-STM32H750VB Datasheet
3Mb / 335P
   32-bit Arm짰 Cortex짰-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
Rev 5
STM32H742XI STMICROELECTRONICS-STM32H742XI_V01 Datasheet
7Mb / 357P
   32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
March 2023
STM32H7B0XB STMICROELECTRONICS-STM32H7B0XB Datasheet
6Mb / 205P
   32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
Rev 7 - May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com