Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6413002 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # HD6413002
Description  High-performance single-chip microcontroller
Download  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6413002 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button HD6413002 Datasheet HTML 70Page - Renesas Technology Corp HD6413002 Datasheet HTML 71Page - Renesas Technology Corp HD6413002 Datasheet HTML 72Page - Renesas Technology Corp HD6413002 Datasheet HTML 73Page - Renesas Technology Corp HD6413002 Datasheet HTML 74Page - Renesas Technology Corp HD6413002 Datasheet HTML 75Page - Renesas Technology Corp HD6413002 Datasheet HTML 76Page - Renesas Technology Corp HD6413002 Datasheet HTML 77Page - Renesas Technology Corp HD6413002 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 700 page
background image
3.2 Mode Control Register (MDCR)
MDCR is an 8-bit read-only register that indicates the current operating mode of the H8/3002.
Bits 7 and 6—Reserved: These bits cannot be modified and are always read as 1.
Bits 5 to 3—Reserved: These bits cannot be modified and are always read as 0.
Bits 2 to 0—Mode Select 2 to 0 (MDS2 to MDS0): These bits indicate the logic levels at pins
MD2 to MD0 (the current operating mode). MDS2 to MDS0 correspond to MD2 to MD0. MDS2
to MDS0 are read-only bits. The mode pin (MD2 to MD0) levels are latched when MDCR is read.
Bit
Initial value
Read/Write
7
1
6
1
5
0
4
0
3
0
0
MDS0
R
*
2
MDS2
R
1
MDS1
R
**
Reserved bits
Mode select 2 to 0
Bits indicating the current
operating mode
Reserved bits
Note:
Determined by pins MD to MD .
*
20
59


Similar Part No. - HD6413002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6413002 RENESAS-HD6413002 Datasheet
1Mb / 700P
   Microcomputer
More results

Similar Description - HD6413002

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB80535 SIEMENS-SAB80535 Datasheet
1Mb / 38P
   High-Performance 8-Bit Single Chip Microcontroller
SAB80C52 SIEMENS-SAB80C52 Datasheet
905Kb / 31P
   High-Performance 8-Bit Single Chip Microcontroller
logo
OKI electronic componet...
MSM67P620 OKI-MSM67P620 Datasheet
538Kb / 14P
   HIGH PERFORMANCE CMOS 16-BIT SINGLE CHIP MICROCONTROLLER
ML670100 OKI-ML670100 Datasheet
109Kb / 27P
   OKIs High-Performance CMOS 32-Bit Single Chip Microcontroller
logo
SHANGHAI BELLING CO., L...
BL22P14 BELLING-BL22P14 Datasheet
334Kb / 33P
   BL22P14 is an 8-bit high performance single chip microcontroller
logo
Samsung semiconductor
S3C72P9 SAMSUNG-S3C72P9 Datasheet
1Mb / 225P
   SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
logo
National Semiconductor ...
HPC16064 NSC-HPC16064 Datasheet
407Kb / 36P
   High-Performance microController
logo
OKI electronic componet...
MSM66207 OKI-MSM66207 Datasheet
621Kb / 33P
   OKI ORIGINAL HIGH PERFORMANCE CMOS SINGLE CHIP 8/16-BIT MICROCONTROLLER
logo
STCmicro Technology Co,...
STC12C5A60S2 STC-STC12C5A60S2 Datasheet
1Mb / 439P
   single-chip microcontroller based on a high performance 1T architecture 80C51 CPU
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com