Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH285M-WL Datasheet(PDF) 6 Page - Anachip Corp

Part # AH285M-WL
Description  Hall-Effect Smart Fan Motor Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH285M-WL Datasheet(HTML) 6 Page - Anachip Corp

  AH285M-WL Datasheet HTML 1Page - Anachip Corp AH285M-WL Datasheet HTML 2Page - Anachip Corp AH285M-WL Datasheet HTML 3Page - Anachip Corp AH285M-WL Datasheet HTML 4Page - Anachip Corp AH285M-WL Datasheet HTML 5Page - Anachip Corp AH285M-WL Datasheet HTML 6Page - Anachip Corp AH285M-WL Datasheet HTML 7Page - Anachip Corp AH285M-WL Datasheet HTML 8Page - Anachip Corp AH285M-WL Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AH285
Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 1.0 Sep 29, 2005
6/9
Marking Information
(1)SIP-5L
285
Part Number
Year:
( Front View )
"2" = 2002
"1" = 2001
XXX X x
Nth week: 01~52
ID Code: A ~ Z
Wafer Lot ID: L & a~z
is lead-free products
(2)SOT23-5L
R5:AH285
XX YM X
Date code
Y : Year
M :Month(A~L)
(Top View)
ID code
A~Z: Non-Lead Free
a~z: Lead Free
(3)SOT89-5L
1
2
3
5
4
285 Y M X
M : Month: A~L
Y : Year: 0-9
ID code
A~Z : Non-Lead Free
a~z : Lead Free


Similar Part No. - AH285M-WL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH285 DIODES-AH285 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285-Y DIODES-AH285-Y Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH285-YG-13 DIODES-AH285-YG-13 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285-YL-13 DIODES-AH285-YL-13 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
More results

Similar Description - AH285M-WL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com