Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-4503-HF000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HDSP-4503-HF000
Description  Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-4503-HF000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HDSP-4503-HF000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-4503-HF000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-4503-HF000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-4503-HF000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-4503-HF000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-4503-HF000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-4503-HF000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-4503-HF000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Intensity Bin Limits (mcd)
Note:
All categories are established for classification of products. Products
may not be available in all categories. Please contact your local
Agilent representatives for further clarification/information.
HDSP-M10x
IV Bin Category
Min.
Max.
E
0.810
1.50
F
1.20
2.20
G
1.80
3.30
H
2.73
5.00
I
4.09
7.50
HDSP-450x
IV Bin Category
Min.
Max.
F
1.37
2.51
G
2.05
3.76
H
3.08
5.64
I
4.62
8.64
J
6.93
12.70
K
10.39
19.04
HDSP-510x
IV Bin Category
Min.
Max.
G
1.03
1.88
H
1.54
2.82
I
2.31
4.23
J
3.46
6.34
K
5.18
9.50
L
7.78
14.26
Dominant Wavelength (nm)
Color
Bin
Min.
Max.
Green
2
573.00
577.00
3
570.00
574.00
4
567.00
571.00
5
564.00
568.00
Color Categories


Similar Part No. - HDSP-4503-HF000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-4030 AVAGO-HDSP-4030 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
HDSP-4031 AVAGO-HDSP-4031 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
HDSP-4033 AVAGO-HDSP-4033 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
HDSP-4036 AVAGO-HDSP-4036 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
HDSP-4130 AVAGO-HDSP-4130 Datasheet
495Kb / 9P
   Seven Segment Displays for High Light Ambient Conditions
More results

Similar Description - HDSP-4503-HF000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com