Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCKD3921P16EX Datasheet(PDF) 3 Page - Schneider Electric

Part # XCKD3921P16EX
Description  limit switch XCKD - roller lever plunger - 2NC NO - ATEX/IECEx
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCKD3921P16EX Datasheet(HTML) 3 Page - Schneider Electric

  XCKD3921P16EX Datasheet HTML 1Page - Schneider Electric XCKD3921P16EX Datasheet HTML 2Page - Schneider Electric XCKD3921P16EX Datasheet HTML 3Page - Schneider Electric XCKD3921P16EX Datasheet HTML 4Page - Schneider Electric XCKD3921P16EX Datasheet HTML 5Page - Schneider Electric XCKD3921P16EX Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Product data sheet
Dimensions Drawings
XCKD3921P16EX
Dimensions
(1) Tapped entry for M16 x 1.5
(2) 2 elongated holes Ø 4.3 x 6.3 mm on 22 mm centres, 2 holes Ø 4.3 on 20 mm centres.
(3) 2 x Ø 3 holes for support studs, depth 4 mm.


Similar Part No. - XCKD3921P16EX

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCKD3927P16EX SCHNEIDER-XCKD3927P16EX Datasheet
128Kb / 6P
   limit switch XCKD - roller lever plunger - 2NC NO - ATEX/IECEx
XCKD3928P16EX SCHNEIDER-XCKD3928P16EX Datasheet
130Kb / 6P
   limit switch XCKD - roller lever plunger - 2NC NO - ATEX/IECEx
More results

Similar Description - XCKD3921P16EX

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCKD3928P16EX SCHNEIDER-XCKD3928P16EX Datasheet
130Kb / 6P
   limit switch XCKD - roller lever plunger - 2NC NO - ATEX/IECEx
XCKD3927P16EX SCHNEIDER-XCKD3927P16EX Datasheet
128Kb / 6P
   limit switch XCKD - roller lever plunger - 2NC NO - ATEX/IECEx
XCKD3945P16EX SCHNEIDER-XCKD3945P16EX Datasheet
137Kb / 6P
   limit switch XCKD - roller lever plunger - 2NC NO - ATEX/IECEx
XCKD3902P16EX SCHNEIDER-XCKD3902P16EX Datasheet
138Kb / 6P
   limit switch XCKD - roller plunger - 2NC NO - ATEX/IECEx
XCKD39H2P16EX SCHNEIDER-XCKD39H2P16EX Datasheet
134Kb / 6P
   limit switch XCKD - roller plunger - 2NC NO - ATEX/IECEx
XCKD3918P16EX SCHNEIDER-XCKD3918P16EX Datasheet
128Kb / 6P
   limit switch XCKD - roller lever - 2NC NO - ATEX/IECEx
XCKD3949P16EX SCHNEIDER-XCKD3949P16EX Datasheet
129Kb / 6P
   limit switch XCKD - roller lever - 2NC NO - ATEX/IECEx
XCKD39H0P16EX SCHNEIDER-XCKD39H0P16EX Datasheet
135Kb / 6P
   limit switch XCKD - plunger - 2NC NO - ATEX/IECEx
XCKD3910P16EX SCHNEIDER-XCKD3910P16EX Datasheet
133Kb / 6P
   limit switch XCKD - plunger - 2NC NO - ATEX/IECEx
XCKM3921H29EX SCHNEIDER-XCKM3921H29EX Datasheet
126Kb / 6P
   limit switch XCKM - roller lever plunger - 2NC NO - ATEX/IECEx
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com