Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XCKD3918P16EX Datasheet(PDF) 1 Page - Schneider Electric

Part No. XCKD3918P16EX
Description  limit switch XCKD - roller lever - 2NC NO - ATEX/IECEx
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCKD3918P16EX Datasheet(HTML) 1 Page - Schneider Electric

  XCKD3918P16EX Datasheet HTML 1Page - Schneider Electric XCKD3918P16EX Datasheet HTML 2Page - Schneider Electric XCKD3918P16EX Datasheet HTML 3Page - Schneider Electric XCKD3918P16EX Datasheet HTML 4Page - Schneider Electric XCKD3918P16EX Datasheet HTML 5Page - Schneider Electric XCKD3918P16EX Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Jan 18, 2021
1
Product data sheet
Characteristics
XCKD3918P16EX
limit switch XCKD - roller lever - 2NC + NO -
ATEX/IECEx
Main
Range of product
OsiSense ATEX D
Series name
Standard format
Product or component
type
Limit switch
Device short name
XCKD
Sensor design
Compact
Body type
Fixed
Head type
Rotary head
Material
Metal
Fixing mode
By the body
Movement of operating
head
Rotary
Type of operator
Spring return roller lever thermoplastic
Switch actuation
By 30° cam
Type of approach
Lateral approach, 2 directions
Electrical connection
Screw-clamp terminals, clamping capacity: 1 x
0.34...2 x 0.75 mm²
Cable entry number
1 tapped entry for M16 x 1.5 cable gland (included)
4…8 mm
Number of poles
3
Contacts type and
composition
2 NC + 1 NO
Contacts insulation form
Zb
Contact operation
Snap action
Number of steps
1
Positive opening
With
Minimum torque for
tripping
0.1 N.m
Maximum actuation
speed
1.5 m/s
IP degree of protection
IP66 conforming to IEC 60529
IP67 conforming to IEC 60529
Complementary
Body material
Zamak
Head material
Zamak
Tracks
24/40 mm
Positive opening minimum torque
0.25 N.m
Minimum actuation speed
0.01 m/min
Contact code designation
B300, AC-15 (Ue = 240 V), Ie = 1.5 A conforming to EN 60947-5-1
B300, AC-15 (Ue = 240 V), Ie = 1.5 A conforming to IEC 60947-5-1 appendix A
R300, DC-13 (Ue = 250 V), Ie = 0.1 A conforming to EN 60947-5-1
R300, DC-13 (Ue = 250 V), Ie = 0.1 A conforming to IEC 60947-5-1 appendix A
[Ithe] conventional enclosed thermal current
6 A AC
[Ui] rated insulation voltage
300 V conforming to UL 508
400 V (pollution degree 3) conforming to IEC 60947-1
300 V conforming to CSA C22.2 No 14
Maximum resistance across terminals
25 MOhm conforming to IEC 60255-7 category 3
[Uimp] rated impulse withstand voltage
IEC 60664 4 kV
IEC 60947-1 4 kV


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn