Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XCKD3918P16EX Datasheet(PDF) 2 Page - Schneider Electric

Part No. XCKD3918P16EX
Description  limit switch XCKD - roller lever - 2NC NO - ATEX/IECEx
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCKD3918P16EX Datasheet(HTML) 2 Page - Schneider Electric

  XCKD3918P16EX Datasheet HTML 1Page - Schneider Electric XCKD3918P16EX Datasheet HTML 2Page - Schneider Electric XCKD3918P16EX Datasheet HTML 3Page - Schneider Electric XCKD3918P16EX Datasheet HTML 4Page - Schneider Electric XCKD3918P16EX Datasheet HTML 5Page - Schneider Electric XCKD3918P16EX Datasheet HTML 6Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Short-circuit protection
6 A cartridge fuse, type gG
Electrical durability
5000000 Cycles, DC-13, inductive load type, 120 V, 2 W, operating rate
<3600 cyc/mn, load factor: 0.5, DC conforming to IEC 60947-5-1 appendix C
5000000 Cycles, DC-13, inductive load type, 24 V, 4 W, operating rate
<3600 cyc/mn, load factor: 0.5, DC conforming to IEC 60947-5-1 appendix C
5000000 cycles, DC-13, inductive load type, 48 V, 3 W, operating rate <3600 cyc/
mn, load factor: 0.5, DC conforming to IEC 60947-5-1 appendix C
Mechanical durability
10000000 cycles
Marking
II2 D-Ex tb IIIC T85°C Db IP66/67
Width
31 mm
Height
65 mm
Depth
30 mm
Environment
Shock resistance
50 gn for 11 ms conforming to IEC 60068-2-27
Vibration resistance
25 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Electrical shock protection class
Class I conforming to IEC 61140
Class I conforming to NF C 20-030
Ambient air temperature for operation
-20…60 °C
Protective treatment
TC
Dust zone
Zone 21 - 22
Product certifications
INERIS 04ATEX0014X
IEC-Ex INE 17.0020X
Standards
EN/IEC 60079-31
EN/IEC 60079-0
Directives
2014/34/EU - ATEX directive
Packing Units
Package 1 Weight
0.267 kg
Package 1 Height
9.700 cm
Package 1 width
9.000 cm
Package 1 Length
15.800 cm
Offer Sustainability
Sustainable offer status
Green Premium product
REACh Regulation
REACh Declaration
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Mercury free
Yes
RoHS exemption information
Yes
Environmental Disclosure
Product Environmental Profile
Contractual warranty
Warranty
18 months


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn