Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2137A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SD2137A
Description  Silicon PNP epitaxial planar type(For power amplification)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2137A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SD2137A Datasheet HTML 1Page - Panasonic Semiconductor 2SD2137A Datasheet HTML 2Page - Panasonic Semiconductor 2SD2137A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistors
2SB1417, 2SB1417A
Rth(t) —t
10–4
10
10–3
10–1
10–2
1103
102
104
0.1
1
10
100
10000
1000
(1)
(2)
Note: R
th was measured at Ta=25˚C and under natural convection.
(1) Without heat sink
(2) With a 50
× 50 × 2mm Al heat sink
Time t (s)


Similar Part No. - 2SD2137A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2137A PANASONIC-2SD2137A Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification)
logo
Jiangsu Changjiang Elec...
2SD2137A JIANGSU-2SD2137A Datasheet
570Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SD2137A ISC-2SD2137A Datasheet
323Kb / 2P
   isc Silicon NPN Power Transistor
logo
Nanjing International G...
2SD2137A DGNJDZ-2SD2137A Datasheet
1Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SD2137A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1643 PANASONIC-2SB1643 Datasheet
56Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB954 PANASONIC-2SB954 Datasheet
47Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1548 PANASONIC-2SB1548 Datasheet
45Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB930 PANASONIC-2SB930 Datasheet
49Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1299 PANASONIC-2SB1299 Datasheet
53Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1393 PANASONIC-2SB1393 Datasheet
46Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1553 PANASONIC-2SB1553 Datasheet
52Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB1554 PANASONIC-2SB1554 Datasheet
54Kb / 3P
   Silicon PNP epitaxial planar type(For power amplification)
2SB928 PANASONIC-2SB928 Datasheet
49Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
2SB929 PANASONIC-2SB929 Datasheet
50Kb / 2P
   Silicon PNP epitaxial planar type(For power amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com