Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74LPT16952B Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74LPT16952B
Description  Fast CMOS 3.3V 16-Bit Registered Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT16952B Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74LPT16952B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT16952B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT16952B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT16952B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT16952B Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PI74LPT16952
3.3V 16-BIT REGISTERED TRANSCEIVERS
5
PS2076A 02/4/97
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Switching Characteristics over Operating Range(1)
LPT16952A
LPT16952B
LPT16952C
Com.
Com.
Com.
Parameters
Description
Conditions(2)
Min.(3)
Max.
Min.(3)
Max.
Min.(3)
Max.
Units
tPLH
Propagation Delay
CL = 50 pF
2.0
10.0
2.0
7.5
2.0
6.3
ns
tPHL
X
CLKAB, XCLKBA to XBX, XAX
RL = 500
tPZH
Output Enable Time
1.5
10.5
1.5
8.0
1.5
7.0
ns
tPZL
X
OEBA, XOEAB to XAX, XBX
tPHZ
Output Disable Time(4)
1.5
10.0
1.5
7.5
1.5
6.5
ns
tPLZ
X
OEBA, XOEAB to XAX, XBX
tSU
Set-up Time HIGH or LOW
2.5
2.5
2.5
ns
xAx, xBx to xCLKAB, xCLKBA
tH
Hold Time HIGH or LOW
2.0
2.0
2.0
ns
xAx, xBx to xCLKAB, xCLKBA
tSU
Setup Time HIGH or LOW
3.0
3.0
3.0
ns
xCEAB, xCEBA to
xCLKAB, xCLKBA
tH
Hold Time HIGH or LOW
2.0
2.0
2.0
ns
xCEAB, xCEBA to
xCLKAB, xCLKBA
tW
Pulse Width HIGH(4) or
3.0
3.0
3.0
ns
LOW, xCLKAB or xCLKBA
tSK(o)
Output Skew(5)
0.5
0.5
0.5
ns
Notes:
1. Propagation Delays and Enable/Disable times are with Vcc = 3.3V ±0.3V,
normal range. For Vcc = 2.7V, extended range, all Propagation Delays and
Enable/Disable times should be degraded by 20%.
2. See test circuit and wave forms.
3. Minimum limits are guaranteed but not tested on Propagation Delays.
4. This parameter is guaranteed but not production tested.
5. Skew between any two outputs, of the same package, switching in the same
direction. This parameter is guaranteed by design.
Note:
1. This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ.
Max.
Units
CIN
Input Capacitance
VIN = 0V
4.5
6
pF
COUT
Output Capacitance
VOUT = 0V
5.5
8
pF
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com


Similar Part No. - PI74LPT16952B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244AAE PERICOM-PI74LPT16244AAE Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244AE PERICOM-PI74LPT16244AE Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244CAE PERICOM-PI74LPT16244CAE Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244CV PERICOM-PI74LPT16244CV Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
More results

Similar Description - PI74LPT16952B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT163952A IDT-IDT74FCT163952A Datasheet
105Kb / 7P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74LVCH16543A IDT-IDT74LVCH16543A_16 Datasheet
234Kb / 6P
   3.3V CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Texas Instruments
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
[Old version datasheet]   16-Bit Registered Transceivers
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
[Old version datasheet]   16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
[Old version datasheet]   16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com