Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4E660411D-JC50 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4E660411D-JC50
Description  16M x 4bit CMOS Dynamic RAM with Extended Data Out
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4E660411D-JC50 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4E660411D-JC50 Datasheet HTML 1Page - Samsung semiconductor K4E660411D-JC50 Datasheet HTML 2Page - Samsung semiconductor K4E660411D-JC50 Datasheet HTML 3Page - Samsung semiconductor K4E660411D-JC50 Datasheet HTML 4Page - Samsung semiconductor K4E660411D-JC50 Datasheet HTML 5Page - Samsung semiconductor K4E660411D-JC50 Datasheet HTML 6Page - Samsung semiconductor K4E660411D-JC50 Datasheet HTML 7Page - Samsung semiconductor K4E660411D-JC50 Datasheet HTML 8Page - Samsung semiconductor K4E660411D-JC50 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CMOS DRAM
K4E660411D, K4E640411D
*Note : ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3 and ICC6, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one EDO mode cycle time,
tHPC.
DC AND OPERATING CHARACTERISTICS (Continued)
ICC1* : Operating Current (RAS and CAS, Address cycling @
tRC=min.)
ICC2 : Standby Current (RAS=CAS=W=VIH)
ICC3* : RAS-only Refresh Current (CAS=VIH, RAS, Address cycling @
tRC=min.)
ICC4* : Extended Data Out Mode Current (RAS=VIL, CAS, Address cycling @
tHPC=min.)
ICC5 : Standby Current (RAS=CAS=W=VCC-0.2V)
ICC6* : CAS-Before-RAS Refresh Current (RAS and CAS cycling @
tRC=min)
Symbol
Power
Speed
Max
Units
K4E660411D
K4E640411D
ICC1
Don
′t care
-50
-60
90
80
120
110
mA
mA
ICC2
Normal
Don
′t care
2
2
mA
ICC3
Don
′t care
-50
-60
90
80
120
110
mA
mA
ICC4
Don
′t care
-50
-60
100
90
110
100
mA
mA
ICC5
Normal
Don
′t care
1
1
mA
ICC6
Don
′t care
-50
-60
120
110
120
110
mA
mA


Similar Part No. - K4E660411D-JC50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E660412D SAMSUNG-K4E660412D Datasheet
415Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412E-JI45 SAMSUNG-K4E660412E-JI45 Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412E-JI50 SAMSUNG-K4E660412E-JI50 Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412E-JI60 SAMSUNG-K4E660412E-JI60 Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
More results

Similar Description - K4E660411D-JC50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E660412D SAMSUNG-K4E660412D Datasheet
415Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM48V8004C SAMSUNG-KM48V8004C Datasheet
388Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812E SAMSUNG-K4E660812E Datasheet
190Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM416C1004C SAMSUNG-KM416C1004C Datasheet
804Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com