Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70840 Datasheet(PDF) 15 Page - Integrated Device Technology

Part No. IDT72V70840
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70840 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button IDT72V70840 Datasheet HTML 11Page - Integrated Device Technology IDT72V70840 Datasheet HTML 12Page - Integrated Device Technology IDT72V70840 Datasheet HTML 13Page - Integrated Device Technology IDT72V70840 Datasheet HTML 14Page - Integrated Device Technology IDT72V70840 Datasheet HTML 15Page - Integrated Device Technology IDT72V70840 Datasheet HTML 16Page - Integrated Device Technology IDT72V70840 Datasheet HTML 17Page - Integrated Device Technology IDT72V70840 Datasheet HTML 18Page - Integrated Device Technology IDT72V70840 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
COMMERCIALTEMPERATURERANGE
IDT72V70840 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 4,096 x 4,096
Symbol
Parameter
Min.
Typ.
Max.
Units
ICC (2)
Supply Current
@ 2.048 Mb/s
-
15
20
mA
@ 4.096 Mb/s
-
25
35
mA
@ 8.192 Mb/s
-
47
70
mA
IIL(3,4)
InputLeakage(inputpins)
-
-
50
µA
IOZ(3,4)
High-impedanceLeakage
-
-
50
µA
VOH(5)
Output HIGH Voltage
2.4
-
-
V
VOL(6)
Output LOW Voltage
-
-
0.4
V
Symbol
Rating
Level
Unit
VTT
TTLThreshold
1.5
V
VHM
TTL Rise/Fall Threshold Voltage HIGH
2.0
V
VLM
TTL Rise/Fall Threshold Voltage LOW
0.8
V
DC ELECTRICAL CHARACTERISTICS
AC ELECTRICAL CHARACTERISTICS - TIMING PARAMETER
MEASUREMENT VOLTAGE LEVELS
NOTES:
1. Voltages are with respect to ground (GND) unless otherwise stated.
2. Outputs unloaded.
3. 0
≤ V ≤ VCC.
4. Maximum leakage on pins (output or I/O pins in high-impedance state) is over an applied voltage (V).
5. IOH = 10 mA.
6. IOL = 10 mA.
S1isopencircuitexceptwhentestingoutput
levels or high impedance states.
S2 is switched to VCC or GND when testing
output levels or high impedance states.
Figure 4. Output Load
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
Vi
Voltage on Digital Inputs
GND -0.3
5.3
V
IO
Current at Digital Outputs
-50
50
mA
TS
StorageTemperature
-55
+125
° C
PD
Package Power Dissapation
2W
NOTE:
1. Exceeding these values may cause permanent damage. Functional operation under
these conditions is not implied.
ABSOLUTE MAXIMUM RATINGS(1)
RECOMMENDED OPERATING
CONDITIONS(1)
NOTE:
1.Voltages are with respect to Ground unless otherwise stated.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Positive Supply
3.0
3.3
3.6
V
VIH
Input HIGH Voltage
2.0
5.3
V
VIL
Input LOW Voltage

0.8
V
TOP
OperatingTemperature
-40
25
+85
°C
Commercial
Test Point
Output
Pin
CL
GND
S1
RL
VCC
GND
5715 drw07
S2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn