Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70840 Datasheet(PDF) 13 Page - Integrated Device Technology

Part No. IDT72V70840
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70840 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT72V70840 Datasheet HTML 9Page - Integrated Device Technology IDT72V70840 Datasheet HTML 10Page - Integrated Device Technology IDT72V70840 Datasheet HTML 11Page - Integrated Device Technology IDT72V70840 Datasheet HTML 12Page - Integrated Device Technology IDT72V70840 Datasheet HTML 13Page - Integrated Device Technology IDT72V70840 Datasheet HTML 14Page - Integrated Device Technology IDT72V70840 Datasheet HTML 15Page - Integrated Device Technology IDT72V70840 Datasheet HTML 16Page - Integrated Device Technology IDT72V70840 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
COMMERCIALTEMPERATURERANGE
IDT72V70840 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 4,096 x 4,096
TABLE 10 — BOUNDARY SCAN REGISTER BITS
Boundary Scan Bit 0 to bit 167
Device Pin
Three-State
Output
Input
Control
Scan Cell
Scan Cell
RX27
92
RX26
93
RX25
94
RX24
95
TX23
96
97
TX22
98
99
TX21
100
101
TX20
102
103
TX19
104
105
TX18
106
107
TX17
108
109
TX16
110
111
RX23
112
RX22
113
RX21
114
RX20
115
RX19
116
RX18
117
RX17
118
RX16
119
TX15
120
121
TX14
122
123
TX13
124
125
TX12
126
127
TX11
128
129
TX10
130
131
TX9
132
133
TX8
134
135
RX15
136
RX14
137
RX13
138
RX12
139
RX11
140
RX10
141
RX9
142
RX8
143
TX7
144
145
TX6
146
147
TX5
148
149
TX4
150
151
TX3
152
153
TX2
154
155
TX1
156
157
TX0
158
159
RX7
160
RX6
161
RX5
162
RX4
163
RX3
164
RX2
165
RX1
166
RX0
167
Boundary Scan Bit 0 to bit 167
Device Pin
Three-State
Output
Input
Control
Scan Cell
Scan Cell
ODE
0
RESET
1
CLK
2
F0i
3
FE/HCLK
4
WFPS
5
DS
6
CS
7
R/
W
8
A0
9
A1
10
A2
11
A3
12
A4
13
A5
14
A6
15
A7
16
A8
17
A9
18
A10
19
A11
20
A12
21
A13
22
DTA
23
D15
24
25
26
D14
27
28
29
D13
30
31
32
D12
33
34
35
D11
36
37
38
D10
39
40
41
D9
42
43
44
D8
45
46
47
D7
48
49
50
D6
51
52
53
D5
54
55
56
D4
57
58
59
D3
60
61
62
D2
63
64
65
D1
66
67
68
D0
69
70
71
TX31
72
73
TX30
74
75
TX29
76
77
TX28
78
79
TX27
80
81
TX26
82
83
TX25
84
85
TX24
86
87
RX31
88
RX30
89
RX29
90
RX28
91


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn