Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70840 Datasheet(PDF) 21 Page - Integrated Device Technology

Part No. IDT72V70840
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70840 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button IDT72V70840 Datasheet HTML 13Page - Integrated Device Technology IDT72V70840 Datasheet HTML 14Page - Integrated Device Technology IDT72V70840 Datasheet HTML 15Page - Integrated Device Technology IDT72V70840 Datasheet HTML 16Page - Integrated Device Technology IDT72V70840 Datasheet HTML 17Page - Integrated Device Technology IDT72V70840 Datasheet HTML 18Page - Integrated Device Technology IDT72V70840 Datasheet HTML 19Page - Integrated Device Technology IDT72V70840 Datasheet HTML 20Page - Integrated Device Technology IDT72V70840 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
408-330-1753
Santa Clara, CA 95054
fax: 408-492-8674
email:TELECOMhelp@idt.com
www.idt.com
ORDERING IN.ORMATION
5715 drw14
XXXXXX
IDT
Device Type
X
Package
Process/
Temperature
Range
XX
BLANK
Commercial (-40
°C to +85°C)
72V70840
4,096 x 4,096
3.3V Time Slot Interchange Digital Switch
BC
DA
Ball Grid Array (BGA, BC144-1)
Thin Quad Flatpacks (TQFP, DA144-1)
DATASHEET DOCUMENT HISTORY
5/05/2000
pg. 1
6/08/2000
pgs. 1, 2, 3 and 19.
8/30/2000
pgs. 2, 4, 6, 9, 11, 13, 14, 16, 17 and 19.
01/24/2001
pg. 14
10/22/2001
pg. 1.
1/04/2002
pgs. 1 and 15.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn