Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70840 Datasheet(PDF) 18 Page - Integrated Device Technology

Part No. IDT72V70840
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70840 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button IDT72V70840 Datasheet HTML 13Page - Integrated Device Technology IDT72V70840 Datasheet HTML 14Page - Integrated Device Technology IDT72V70840 Datasheet HTML 15Page - Integrated Device Technology IDT72V70840 Datasheet HTML 16Page - Integrated Device Technology IDT72V70840 Datasheet HTML 17Page - Integrated Device Technology IDT72V70840 Datasheet HTML 18Page - Integrated Device Technology IDT72V70840 Datasheet HTML 19Page - Integrated Device Technology IDT72V70840 Datasheet HTML 20Page - Integrated Device Technology IDT72V70840 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
COMMERCIALTEMPERATURERANGE
IDT72V70840 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 4,096 x 4,096
Figure 8. Serial Output and External Control
Figure 9. Output Driver Enable (ODE)
tDZ
CLK
(ST-BUSmode)
TX
TX
VALID DATA
HiZ
VALID DATA
HiZ
tZD
CLK
(GCI mode)
5715 drw 10
ODE
TX
VALID DATA
HIZ
HIZ
5715 drw12
tODE
tODE
Figure 6. GCI Timing
Figure 7. WFP Bus Timing (@ 8.192 Mb/s, when pin WFPS is HIGH)
F0i
CLK
TX
RX
5715 drw09
Bit 1, Channel 0
Bit 0, Channel 0
Bit 2, Channel 0
Bit 1, Channel 0
Bit 0, Channel 0
Bit 2, Channel 0
Bit 7, Last Ch
(1)
Bit 7, Last Ch
(1)
tFPH
tFPS
tCP
tCH
tCL
tr
tf
tSIS
tSIH
tFPW
tSOD
tHFPH
tDIF
F0i
TX
RX
5715 drw10
Bit 1, Ch 127
Bit 0, Ch 127
Bit 7, Ch 0
Bit 6, Ch 0
Bit 5, Ch 0
Bit 4, Ch 0
Bit 1, Ch 127
Bit 0, Ch 127
Bit 7, Ch 0
Bit 6, Ch 0
Bit 5, Ch 0
Bit 4, Ch 0
tHFPS
tHFPW
CLK
16.384 MHz
HCLK
4.096 MHz
tHCH
tHCP
tCP
tCH
tCL
tr
tSOD
tf
tSIS
tSIH
tHCL
tHf
tHr
NOTE:
1. @ 2.048 Mb/s mode, last channel = ch 31,
@
4.096 Mb/s mode, last channel = ch 63,
@
8.192 Mb/s mode, last channel = ch 127.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn