Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70840 Datasheet(PDF) 17 Page - Integrated Device Technology

Part No. IDT72V70840
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70840 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button IDT72V70840 Datasheet HTML 13Page - Integrated Device Technology IDT72V70840 Datasheet HTML 14Page - Integrated Device Technology IDT72V70840 Datasheet HTML 15Page - Integrated Device Technology IDT72V70840 Datasheet HTML 16Page - Integrated Device Technology IDT72V70840 Datasheet HTML 17Page - Integrated Device Technology IDT72V70840 Datasheet HTML 18Page - Integrated Device Technology IDT72V70840 Datasheet HTML 19Page - Integrated Device Technology IDT72V70840 Datasheet HTML 20Page - Integrated Device Technology IDT72V70840 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
COMMERCIALTEMPERATURERANGE
IDT72V70840 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 4,096 x 4,096
Figure 5. ST-BUS® Timing
Symbol
Parameter
Min.
Typ.
Max.
Units
tSIS
RX Setup Time
5

ns
tSIH
RX Hold Time
10

ns
tSOD
TX Delay – Active to Active
@
2.048 Mb/s

30
ns
@
4.096 Mb/s

30
ns
@
8.192 Mb/s

30
ns
tDZ
TX Delay – Active to High-Z
@
2.048 Mb/s

30
ns
@
4.096 Mb/s

30
ns
@
8.192 Mb/s

30
ns
tZD
TX Delay – High-Z to Active
@
2.048 Mb/s

30
ns
@
4.096 Mb/s

30
ns
@
8.192 Mb/s

30
ns
tODE
Output Driver Enable (ODE) Delay
@
2.048 Mb/s

30
ns
@
4.096 Mb/s

30
ns
@
8.192 Mb/s

30
ns
AC ELECTRICAL CHARACTERISTICS(1)  SERIAL STREAM (ST-BUS® and GCI)
NOTE:
1. High Impedance is measured by pulling to the appropriate rail with R
L (1K), with timing corrected to cancel time taken to discharge CL (150 pF).
NOTE:
1. @ 2.048 Mb/s mode, last channel = ch 31,
@
4.096 Mb/s mode, last channel = ch 63,
@
8.192 Mb/s mode, last channel = ch 127.
tFPW
tFPH
tFPS
F0i
CLK
TX
RX
tCP
5715 drw08
Bit 6, Channel 0
Bit 7, Channel 0
Bit 0, Last Ch
(1)
Bit 5, Channel 0
Bit 6, Channel 0
Bit 7, Channel 0
Bit 5, Channel 0
tCH
tCL
tr
tf
tSIS
tSIH
tSOD
Bit 0, Last Ch
(1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn