Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V3683 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V3683
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3683 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V3683 Datasheet HTML 2Page - Integrated Device Technology IDT72V3683 Datasheet HTML 3Page - Integrated Device Technology IDT72V3683 Datasheet HTML 4Page - Integrated Device Technology IDT72V3683 Datasheet HTML 5Page - Integrated Device Technology IDT72V3683 Datasheet HTML 6Page - Integrated Device Technology IDT72V3683 Datasheet HTML 7Page - Integrated Device Technology IDT72V3683 Datasheet HTML 8Page - Integrated Device Technology IDT72V3683 Datasheet HTML 9Page - Integrated Device Technology IDT72V3683 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT72V3683/72V3693/72V36103 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 16,384 x 36, 32,768 x 36 and 65,536 x 36
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR
TEMPERATURE RANGE (Unless otherwise noted)(1)
Symbol
Rating
Commercial
Unit
VCC
Supply Voltage Range
–0.5 to +4.6
V
VI(2)
InputVoltageRange
–0.5 to VCC+0.5
V
VO(2)
OutputVoltageRange
–0.5 to VCC+0.5
V
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
Continuous Current Through VCC or GND
±400
mA
TSTG
StorageTemperatureRange
–65 to 150
°C
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
NOTES:
1. All typical values are at VCC = 3.3V, TA = 25°C.
2. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS).
3. Vcc = 3.3V
± 0.15V, TA = 0° to +70°; JEDEC JESD8-A compliant
4. Characterized values, not currently tested.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING
FREE-AIR TEMPERATURE RANGE (Unless otherwise noted)
RECOMMENDED OPERATING
CONDITIONS
IDT72V3683
IDT72V3693
IDT72V36103
Commercial
tCLK = 10, 15 ns(2)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOH
Output Logic "1" Voltage
VCC = 3.0V,
IOH = –4 mA
2.4
V
VOL
Output Logic "0" Voltage
VCC = 3.0V,
IOL = 8 mA
0.5
V
ILI
Input Leakage Current (Any Input)
VCC = 3.6V,
VI = VCC or 0
±5
µA
ILO
Output Leakage Current
VCC = 3.6V,
VO = VCC or 0
±5
µA
ICC2(3)
Standby Current (with CLKA and CLKB running)
VCC = 3.6V,
VI = VCC = 0.2V or 0v

5mA
ICC3(3)
Standby Current (no clocks running)
VCC = 3.6V,
VI = VCC - 0.2V or 0
5
mA
CIN(4)
InputCapacitance
VI = 0,
f = 1 MHz
4
pF
COUT(4)
OutputCapacitance
VO = 0,
f = 1 MHZ
8
pF
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC(1)
Supply Voltage
3.15
3.3
3.45
V
VIH
High-Level Input Voltage
2
VCC+0.5
V
VIL
Low-Level Input Voltage
0.8
V
IOH
High-Level Output Current
–4
mA
IOL
Low-Level Output Current
8
mA
TA
OperatingTemperature
0
70
°C
NOTES:
1. Vcc = 3.3V
± 0.15V, JEDEC JESD8-A compliant


Similar Part No. - IDT72V3683

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3680 IDT-IDT72V3680 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
logo
Renesas Technology Corp
IDT72V3680 RENESAS-IDT72V3680 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
logo
Integrated Device Techn...
IDT72V3680L10PF IDT-IDT72V3680L10PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3680L15PF IDT-IDT72V3680L15PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V3680L75PF IDT-IDT72V3680L75PF Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results

Similar Description - IDT72V3683

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3656 IDT-IDT72V3656_09 Datasheet
381Kb / 39P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT723653 IDT-IDT723653 Datasheet
323Kb / 29P
   CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT723623 IDT-IDT723623 Datasheet
463Kb / 28P
   CMOS BUS-MATCHING SyncFIFO
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT723626 IDT-IDT723626 Datasheet
563Kb / 35P
   CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com