Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T9316NLI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT5T9316NLI
Description  2.5V LVDS 1:16 CLOCK BUFFER TERABUFFER II
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T9316NLI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT5T9316NLI Datasheet HTML 1Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 2Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 3Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 4Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 5Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 6Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 7Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 8Page - Integrated Device Technology IDT5T9316NLI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
INDUSTRIALTEMPERATURERANGE
IDT5T9316
2.5VLVDS1:16CLOCKBUFFERTERABUFFERII
5
DIFFERENTIAL INPUT AC TEST CONDITIONS FOR eHSTL
Symbol
Parameter
Value
Units
VDIF
Input Signal Swing(1)
1V
VX
DifferentialInputSignalCrossingPoint(2)
900
mV
DH
Duty Cycle
50
%
VTHI
InputTimingMeasurementReferenceLevel(3)
CrossingPoint
V
tR, tF
InputSignalEdgeRate(4)
2
V/ns
NOTES:
1. The 1V peak-to-peak input pulse level is specified to allow consistent, repeatable results in an automatic test equipment (ATE) environment. This device meets the VDIF (AC)
specification under actual use conditions.
2. A 900mV crossing point level is specified to allow consistent, repeatable results in an automatic test equipment (ATE) environment. This device meets the VX specification under
actual use conditions.
3. In all cases, input waveform timing is marked at the differential cross-point of the input signals.
4. The input signal edge rate of 2V/ns or greater is to be maintained in the 20% to 80% range of the input waveform.
DIFFERENTIAL INPUT AC TEST CONDITIONS FOR HSTL
Symbol
Parameter
Value
Units
VDIF
Input Signal Swing(1)
1V
VX
DifferentialInputSignalCrossingPoint(2)
750
mV
DH
Duty Cycle
50
%
VTHI
InputTimingMeasurementReferenceLevel(3)
CrossingPoint
V
tR, tF
InputSignalEdgeRate(4)
2
V/ns
NOTES:
1. The 1V peak-to-peak input pulse level is specified to allow consistent, repeatable results in an automatic test equipment (ATE) environment. This device meets the VDIF (AC)
specification under actual use conditions.
2. A 750mV crossing point level is specified to allow consistent, repeatable results in an automatic test equipment (ATE) environment. This device meets the VX specification under
actual use conditions.
3. In all cases, input waveform timing is marked at the differential cross-point of the input signals.
4. The input signal edge rate of 2V/ns or greater is to be maintained in the 20% to 80% range of the input waveform.
DIFFERENTIAL INPUT AC TEST CONDITIONS FOR LVEPECL (2.5V) AND
LVPECL (3.3V)
Symbol
Parameter
Value
Units
VDIF
Input Signal Swing(1)
732
mV
VX
DifferentialInputSignalCrossingPoint(2)
LVEPECL
1082
mV
LVPECL
1880
DH
Duty Cycle
50
%
VTHI
InputTimingMeasurementReferenceLevel(3)
CrossingPoint
V
tR, tF
InputSignalEdgeRate(4)
2
V/ns
NOTES:
1. The 732mV peak-to-peak input pulse level is specified to allow consistent, repeatable results in an automatic test equipment (ATE) environment. This device meets the VDIF (AC)
specification under actual use conditions.
2. 1082mV LVEPECL (2.5V) and 1880mV LVPECL (3.3V) crossing point levels are specified to allow consistent, repeatable results in an automatic test equipment (ATE) environment.
This device meets the VX specification under actual use conditions.
3. In all cases, input waveform timing is marked at the differential cross-point of the input signals.
4. The input signal edge rate of 2V/ns or greater is to be maintained in the 20% to 80% range of the input waveform.


Similar Part No. - IDT5T9316NLI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T9310 IDT-IDT5T9310 Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
IDT5T9310 IDT-IDT5T9310 Datasheet
231Kb / 13P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II Selectable inputs
IDT5T9310NLI IDT-IDT5T9310NLI Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
IDT5T9310NLI IDT-IDT5T9310NLI Datasheet
231Kb / 13P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II Selectable inputs
IDT5T9310 IDT-IDT5T9310_05 Datasheet
231Kb / 13P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II Selectable inputs
More results

Similar Description - IDT5T9316NLI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT5T9306NLGI ETC2-IDT5T9306NLGI Datasheet
373Kb / 16P
   2.5V LVDS 1:6 Clock Buffer Terabuffer??II
logo
Integrated Device Techn...
IDT5T9310 IDT-IDT5T9310 Datasheet
90Kb / 12P
   2.5V LVDS 1:10 CLOCK BUFFER TERABUFFER II
IDT5T9306 IDT-IDT5T9306 Datasheet
205Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_08 Datasheet
219Kb / 14P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T9306 IDT-IDT5T9306_07 Datasheet
237Kb / 13P
   2.5V LVDS 1:6 CLOCK BUFFER TERABUFFER??II
IDT5T93GL02 IDT-IDT5T93GL02 Datasheet
145Kb / 14P
   2.5V LVDS 1:2 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL061 IDT-IDT5T93GL061 Datasheet
147Kb / 14P
   2.5V LVDS 1:6 GLITCHLESS CLOCK BUFFER TERABUFFER??II
IDT5T93GL10 IDT-IDT5T93GL10 Datasheet
185Kb / 15P
   2.5V LVDS 1:10 GLITCHLESS CLOCK BUFFER TERABUFFER??II
logo
Renesas Technology Corp
IDT5T9302I RENESAS-IDT5T9302I Datasheet
387Kb / 16P
   2.5V LVDS, 1:2 Clock Buffer Terabuffer™II
2019
IDT5T9306 RENESAS-IDT5T9306 Datasheet
440Kb / 18P
   2.5V LVDS 1:6 Clock Buffer Terabuffer™ II
NOVEMBER 29, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com