Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT17F16-30JI Datasheet(PDF) 12 Page - ATMEL Corporation

Part No. AT17F16-30JI
Description  FPGA Configuration Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F16-30JI Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT17F16-30JI Datasheet HTML 8Page - ATMEL Corporation AT17F16-30JI Datasheet HTML 9Page - ATMEL Corporation AT17F16-30JI Datasheet HTML 10Page - ATMEL Corporation AT17F16-30JI Datasheet HTML 11Page - ATMEL Corporation AT17F16-30JI Datasheet HTML 12Page - ATMEL Corporation AT17F16-30JI Datasheet HTML 13Page - ATMEL Corporation AT17F16-30JI Datasheet HTML 14Page - ATMEL Corporation AT17F16-30JI Datasheet HTML 15Page - ATMEL Corporation AT17F16-30JI Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
AT17F16
3392A–CNFG–10/03
Note:
1. Airflow = 0 ft/min.
Thermal Resistance Coefficients
Package Type
AT17F16
8CN4
Leadless Array Package (LAP)
θJC [°C/W]
θJA [°C/W](1)
20J
Plastic Leaded Chip Carrier (PLCC)
θJC [°C/W]
θJA [°C/W](1)
44A
Thin Plastic Quad Flat Package (TQFP)
θJC [°C/W]
17
θJA [°C/W](1)
62
44J
Plastic Leaded Chip Carrier (PLCC)
θJC [°C/W]
15
θJA [°C/W](1)
50


Similar Part No. - AT17F16-30JI

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT17F16-30JU ATMEL-AT17F16-30JU Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
More results

Similar Description - AT17F16-30JI

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
   FPGA Configuration Flash Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT18F010 ATMEL-AT18F010 Datasheet
347Kb / 16P
   FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16_08 Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz