Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17F16-30BJC Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT17F16-30BJC
Description  FPGA Configuration Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17F16-30BJC Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT17F16-30BJC Datasheet HTML 7Page - ATMEL Corporation AT17F16-30BJC Datasheet HTML 8Page - ATMEL Corporation AT17F16-30BJC Datasheet HTML 9Page - ATMEL Corporation AT17F16-30BJC Datasheet HTML 10Page - ATMEL Corporation AT17F16-30BJC Datasheet HTML 11Page - ATMEL Corporation AT17F16-30BJC Datasheet HTML 12Page - ATMEL Corporation AT17F16-30BJC Datasheet HTML 13Page - ATMEL Corporation AT17F16-30BJC Datasheet HTML 14Page - ATMEL Corporation AT17F16-30BJC Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
AT17F16
3392A–CNFG–10/03
Notes: 1. AC test lead = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV from steady-state active levels.
AC Characteristics When Cascading
Symbol
Description
AT17F16
Units
Min
Max
TCDF
(3)
CLK to Data Float Delay
Commercial
50
ns
Industrial
50
ns
TOCK(2)
CLK to CEO Delay
Commercial
50
ns
Industrial
55
ns
TOCE(2)
CE to CEO Delay
Commercial
35
ns
Industrial
40
ns
TOOE
(2)
RESET/OE to CEO Delay
Commercial
35
ns
Industrial
35
ns
FMAX
Maximum Input Clock Frequency
Commercial
33
MHz
Industrial
33
MHz


Similar Part No. - AT17F16-30BJC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F16-30CU ATMEL-AT17F16-30CU Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
AT17F16-30JU ATMEL-AT17F16-30JU Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
AT17F16-30TQC ATMEL-AT17F16-30TQC Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
AT17F16-30TQI ATMEL-AT17F16-30TQI Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
More results

Similar Description - AT17F16-30BJC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
   FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
AT18F010 ATMEL-AT18F010 Datasheet
347Kb / 16P
   FPGA Configuration Flash Memory
AT17F16 ATMEL-AT17F16_08 Datasheet
333Kb / 20P
   FPGA Configuration Flash Memory
AT17F32A ATMEL-AT17F32A Datasheet
190Kb / 14P
   FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com