Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT7103IAS-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT7103IAS-T1
Description  25V N-Channel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT7103IAS-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT7103IAS-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT7103IAS-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT7103IAS-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT7103IAS-T1 Datasheet HTML 4Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AAT7103
25V N-Channel Power MOSFET
4
7103.2003.04.0.61
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work
rights, or other intellectual property rights are implied.
AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice, and advise customers to obtain the latest
version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale
supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability.
AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and
other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily
performed.
Ordering Information
Note: Sample stock is generally held on all part numbers listed in BOLD.
Package Information
All dimensions in millimeters.
1.27 BSC
0.42
± 0.09 × 8
4.90
± 0.10
45
°
0.375
± 0.125
0.235
± 0.045
0.825
± 0.445
Package
Marking
Part Number (Tape and Reel)
SOP-8
7103
AAT7103IAS-T1


Similar Part No. - AAT7103IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT7126 ANALOGICTECH-AAT7126 Datasheet
127Kb / 4P
   30V N-Channel Power MOSFET
AAT7126IAS-T1 ANALOGICTECH-AAT7126IAS-T1 Datasheet
127Kb / 4P
   30V N-Channel Power MOSFET
AAT7157 ANALOGICTECH-AAT7157 Datasheet
133Kb / 6P
   20V P-Channel Power MOSFET
AAT7157IAS-T1 ANALOGICTECH-AAT7157IAS-T1 Datasheet
133Kb / 6P
   20V P-Channel Power MOSFET
More results

Similar Description - AAT7103IAS-T1

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3055 UTC-UT3055 Datasheet
158Kb / 2P
   12A, 25V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD16415Q5 TI1-CSD16415Q5_15 Datasheet
948Kb / 16P
[Old version datasheet]   25V N-Channel NexFET Power MOSFET
logo
Unisonic Technologies
UT75N02 UTC-UT75N02 Datasheet
147Kb / 4P
   75A, 25V N-CHANNEL POWER MOSFET
UT50N03 UTC-UT50N03 Datasheet
334Kb / 6P
   45A, 25V N-CHANNEL POWER MOSFET
logo
Texas Instruments
CSD16401Q5 TI1-CSD16401Q5_15 Datasheet
361Kb / 13P
[Old version datasheet]   25V N-Channel NexFET Power MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
   25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
   25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
   25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
   25V N-Channel MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
   25V N -Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com