Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

C10T60F-11A Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part No. C10T60F-11A
Description  Low Forward Voltage Drop Diode
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NIEC [Nihon Inter Electronics Corporation]
Homepage  http://www.niec.co.jp
Logo 

C10T60F-11A Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FORWARD CURRENT VS. VOLTAGE
C10T60F/C10T60F-11A (per Arm)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
INSTANTANEOUS FORWARD VOLTAGE (V)
0.5
1
2
5
10
20
50
10ms Sine Wave Single Pulse
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
0
2
4
6
8
10
12
AVERAGE FORWARD CURRENT (A)
0
4
8
12
16
C10T60F/C10T60F-11A (Total)
180°
θ
CONDUCTION ANGLE
SINE WAVE
RECT 180°


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EA31FS4Low Forward Voltage drop Diode 1 2 3 4 5 Nihon Inter Electronics Corporation
11DQ10Low Forward Voltage drop Diode 1 2 3 4 5 MoreNihon Inter Electronics Corporation
31DQ04Low Forward Voltage drop Diode 1 2 3 4 5 MoreNihon Inter Electronics Corporation
C10T20F-11ALow Forward Voltage Drop Diode 1 2 3 4 Nihon Inter Electronics Corporation
11EQS04Low Forward Voltage Drop Diode 1 2 Nihon Inter Electronics Corporation
11EQS06Low Forward Voltage drop Diode 1 2 Nihon Inter Electronics Corporation
KSF30A40BLow Forward Voltage drop Diode 1 2 Nihon Inter Electronics Corporation
GSF10A40Low Forward Voltage drop Diode 1 2 Nihon Inter Electronics Corporation
GCQ20A04Low Forward Voltage drop Diode 1 2 Nihon Inter Electronics Corporation
11EQ06Low Forward Voltage drop Diode 1 2 3 4 5 MoreNihon Inter Electronics Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn